| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FC2002 bảng dữ liệu(PDF) 1 Page - Beckhoff Automation GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
FC2002 bảng dữ liệu(HTML) 1 Page - Beckhoff Automation GmbH & Co. KG |
|
1 / 2 page ![]() FC2002 https://www.beckhoff.com/fc2002 Technical changes reserved As of 23.08.2021 | Site 1 of 2 Product status: Regular delivery The PCI Fieldbus Cards from Beckhoff are characterised by outstanding features. They are tailor-made for TwinCAT, the software solution for PC-compatible control technology. The power of TwinCAT comes into its own with this interface generation: cycle times up to 100 µs are possible process data communication can either be free running or synchronized it is possible to select two parallel fieldbus channels on one card powerful parameter and diagnostics interfaces (ADS) TwinCAT I/O provides configuration tools and drivers for different Windows versions for programs in any desired high-level language (DLLs) and for Visual Basic applications (ActiveX). Applications with OPC interface can access the cards via an OPC server. Product information Technical Data Technical data FC2002-0000 Fieldbus Lightbus PC interface PCI Number of fieldbus channels 2 Data transfer rates 2.5 Mbaud, 32 bit of process data in 25 µs FC2002 | Infrastructure, 2-channel fieldbus card, Lightbus, master, PCI, LWL |
Số phần tương tự - FC2002 |
|
Mô tả tương tự - FC2002 |