công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPF7100BVBA0ES bảng dữ liệu(PDF) 49 Page - NXP Semiconductors

tên linh kiện MPF7100BVBA0ES
Giải thích chi tiết về linh kiện  7-channel power management integrated circuit for high performance applications
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF7100BVBA0ES bảng dữ liệu(HTML) 49 Page - NXP Semiconductors

Back Button MPF7100BVBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 50Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 51Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF7100BVBA0ES Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 125 page
background image
NXP Semiconductors
PF7100
7-channel power management integrated circuit for high performance applications
PF7100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 4 — 9 March 2021
49 / 125
• RESETBMCU is de-asserted (system on)
• All ABIST flags are all 0 (ABIST OK)
• No regulator faults are present
• The FSOB_WDI_NOK and/or FSOB_SFAULT_NOK faults are cleared if programmed
to be set by the FSOB_WDI and FSOB_SOFTFAULT bits respectively.
A soft WD reset may also assert the FSOB pin only if programmed by the FSOB_WDI bit.
Likewise, the FSOB_SOFTFAULT bit can select whether the FSOB pin is asserted as
soon as an OV, UV or ILIM fault is present even when this condition has not yet lead to a
fault shutdown. In this scenario, the system is placed in a safe state while the MCU tries
to clear the fault and command the PF7100 to come out of the safe state when all faults
have been cleared.
14.9.11.2 FSOB fault safe state
If the OTP_FSOB_ASS_EN = 0, the active safe state mode is disabled and the FSOB
operate in the fault safe state mode. In this mode, the FSOB pin may still be asserted if
programmed by other fault events.
In the fault safe state mode, the FSOB is de-asserted by default, and can be asserted as
programmed by the FSOB fault selection bits.
A bit is provided to enable the FSOB to be asserted when a regulator fault (OV, UV, ILIM)
is present.
• If FSOB_SOFTFAULT = 0, the FSOB pin is not asserted by any OV, UV, or ILIM fault.
• If FSOB_SOFTFAULT = 1, an OV, UV, or ILIM fault on any of the regulators causes
the FSOB pin to assert and remain asserted regardless of it being corrected or not, and
also asserts the FSOB_SFAULT_NOK flag.
A bit is provided to enable the FSOB to be asserted when a WD reset occurs due to a
WDI event.
• If FSOB_WDI = 0, the FSOB pin is not asserted by a WDI event.
• If FSOB_WDI = 1, a WDI event causes the FSOB pin to assert and the
FSOB_WDI_NOK flag to be set.
A bit is provided to enable the FSOB to be asserted when a WD reset occurs due to an
internal WD counter fault is present.
• If FSOB_WDC = 0, the FSOB pin is not asserted by a WD reset started by the internal
WD counter.
• If FSOB_WDC = 1, a WD reset is started by the internal WD counter causing the FSOB
pin to be asserted and the FSOB_WDC_NOK flag to be set.
A bit is provided to enable the FSOB to be asserted when a hard fault shutdown has
occurred.
• If FSOB_HARDFAULT = 0, the FSOB pin is not asserted by a hard fault.
• If FSOB_HARDFAULT = 1, any of the hard fault shutdown events cause the FSOB pin
to be asserted and the FSOB_HFAULT_NOK flag to be set.
Any of the following events are considered a hard fault shutdown:
• Fault timer expired
• FAULT_CNT = FAULT_MAX_CNT (regulator fault counter max out)
• WD_EVENT_CNT = WD_MAX_CNT (watchdog event counter max out)
• Power up failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com