công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TAT7430B bảng dữ liệu(PDF) 1 Page - Qorvo, Inc

tên linh kiện TAT7430B
Giải thích chi tiết về linh kiện  CATV 75 pHEMT High Gain RF Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  QORVO [Qorvo, Inc]
Trang chủ  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TAT7430B bảng dữ liệu(HTML) 1 Page - Qorvo, Inc

  TAT7430B Datasheet HTML 1Page - Qorvo, Inc TAT7430B Datasheet HTML 2Page - Qorvo, Inc TAT7430B Datasheet HTML 3Page - Qorvo, Inc TAT7430B Datasheet HTML 4Page - Qorvo, Inc TAT7430B Datasheet HTML 5Page - Qorvo, Inc TAT7430B Datasheet HTML 6Page - Qorvo, Inc TAT7430B Datasheet HTML 7Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAT7430B
CATV 75 Ω pHEMT High Gain RF Amplifier
Data Sheet: Rev C 10/09/17
- 1 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
SOT-89 package
Single-ended and Push-pull Optical Receivers
Low-noise Drop Amplifiers
Distribution Amplifiers
Multi-Dwelling Units
Single-ended Gain Block
Product Features
Functional Block Diagram
High typical gain of 22 dB in application circuit
On-chip active bias for consistent bias current and
repeatable performance
50 – 1200 MHz bandwidth
Low noise: typical NF < 2.2 dB to 1000MHz
Flexible 5 V to 8 V biasing
IDD(8V) = 190 mA typical in application circuit
+41 dBm typical OIP3
+65 dBm typical OIP2
+22 dBm typical P1dB
Low distortion: CSO -61 dBc, CTB -81 dBc
(10 dBmV/ch at input, 80 ch NTSC flat)
pHEMT device technology
SOT-89 package
General Description
Pin Configuration
The TAT7430B is a low cost RF amplifier designed for
applications from DC to 1200 MHz. The balance of low
noise and distortion provides an ideal solution for a wide
range of broadband amplifiers used in cable television
applications.
It is particularly well suited for new home networks
requiring higher gain for a large number of splits. In
addition, the TAT7430B’s combination of high gain, low
noise, and good return loss make it an excellent choice for
optical receiver applications and low noise front ends.
An internal bias circuit mitigates the effect of temperature
and process variation. The bias current can be adjusted
with an external resistor. It is able to work in low noise
applications from a 5 V supply.
The TAT7430B is fabricated using 6-inch GaAs pHEMT
technology to optimize performance and cost. It provides
excellent gain and return loss consistency inherent to the
pHEMT process.
Pin #
Symbol
1RF IN
2
GND
3RF OUT
4
GND PADDLE
Ordering Information
Part No.
Description
TAT7430B
75
 High linearity pHEMT amplifier
(lead-free/RoHS compliant SOT-89 Pkg)
TAT7430B-EB
Amplifier evaluation board
Standard T/R size = 1000 pieces on a 7” reel.
RF IN
GND
RFOUT


Số phần tương tự - TAT7430B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 HEMT High Gain RF Amplifier
TAT7430B-EB TRIQUINT-TAT7430B-EB Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
TAT7430B-EB TRIQUINT-TAT7430B-EB Datasheet
388Kb / 7P
CATV 75 HEMT High Gain RF Amplifier
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
CATV 75 HEMT High Gain RF Amplifier
More results

Mô tả tương tự - TAT7430B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
CATV 75 HEMT High Gain RF Amplifier
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
75 HEMT Adjustable Gain RF Amplifier
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
CATV 75 HEMT Dual RF Amplifier
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
CATV 75 pHEMT Dual RF Amplifier
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
High Gain RF Amplifier, 75 , 50-1200 MHz
TAT7457 QORVO-TAT7457 Datasheet
768Kb / 14P
75Ω pHEMT Adjustable Gain RF Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com