công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC47N237-MT bảng dữ liệu(PDF) 65 Page - SMSC Corporation

tên linh kiện LPC47N237-MT
Giải thích chi tiết về linh kiện  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMSC [SMSC Corporation]
Trang chủ  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MT bảng dữ liệu(HTML) 65 Page - SMSC Corporation

Back Button LPC47N237-MT Datasheet HTML 61Page - SMSC Corporation LPC47N237-MT Datasheet HTML 62Page - SMSC Corporation LPC47N237-MT Datasheet HTML 63Page - SMSC Corporation LPC47N237-MT Datasheet HTML 64Page - SMSC Corporation LPC47N237-MT Datasheet HTML 65Page - SMSC Corporation LPC47N237-MT Datasheet HTML 66Page - SMSC Corporation LPC47N237-MT Datasheet HTML 67Page - SMSC Corporation LPC47N237-MT Datasheet HTML 68Page - SMSC Corporation LPC47N237-MT Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 65
Revision 0.3 (10-26-04)
DATASHEET
Programmed I/O - Transfers from the Host to the FIFO
In the forward direction an interrupt occurs when serviceIntr is 0 and there are writeIntrThreshold or more
bytes free in the FIFO. At this time if the FIFO is empty it can be filled with a single burst before the empty
bit needs to be re-read. Otherwise it may be filled with writeIntrThreshold bytes.
writeIntrThreshold =
(16-<threshold>) free bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is less than or equal to
<threshold>. (If the threshold = 12, then the interrupt is set whenever there are 12 or less bytes of data in
the FIFO.) The host must respond to the request by writing data to the FIFO. If at this time the FIFO is
empty, it can be completely filled in a single burst, otherwise a minimum of (16-<threshold>) bytes may be
written to the FIFO in a single burst. This process is repeated until the last byte is transferred into the
FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More