công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RF2312 bảng dữ liệu(PDF) 2 Page - Qorvo, Inc

tên linh kiện RF2312
Giải thích chi tiết về linh kiện  Linear General Purpose Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  QORVO [Qorvo, Inc]
Trang chủ  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RF2312 bảng dữ liệu(HTML) 2 Page - Qorvo, Inc

  RF2312 Datasheet HTML 1Page - Qorvo, Inc RF2312 Datasheet HTML 2Page - Qorvo, Inc RF2312 Datasheet HTML 3Page - Qorvo, Inc RF2312 Datasheet HTML 4Page - Qorvo, Inc RF2312 Datasheet HTML 5Page - Qorvo, Inc RF2312 Datasheet HTML 6Page - Qorvo, Inc RF2312 Datasheet HTML 7Page - Qorvo, Inc RF2312 Datasheet HTML 8Page - Qorvo, Inc RF2312 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Page 2 of 13
RF2312
Linear General Purpose Amplifier
Data Sheet Rev (C), December 16, 2020| Subject to change without notice
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to +150 °C
Maximum Device Voltage (VDD)
6.3 V
Input RF Power
+18 dBm
Output Load VSWR
20 :1
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Recommended Operating Conditions
Parameter
Min Typ Max Unit
Device Voltage (VDD)
+5.5 +5.7
V
Ambient Operating Temperature
−40
+85
°C
Operating Current Range
40
100
120
mA
(Icc = 120mA, Pdiss=0.702W, Ta=85C)
θJC
114.9
 °C/W
(Icc = 100mA, Pdiss=0.555W, Ta=85C)
θJC
114.1
 °C/W
MTTF Ta=85°C, Pdiss=.702W
2170
years
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
5
725
MHz
Gain
At 300 MHz
14.5
15.5
dB
Noise Figure
From 10 –700 MHz, −45 to +85 °C
3.8
4.1
dB
Input Return Loss
Appropriate values for the DC blocking
capacitors and bias inductor are required
to maintain this Return Loss at the
intended operating frequency range.
5MHz
18
dB
300MHz
21
dB
700MHz
22
dB
Output Return Loss
Appropriate values for the DC blocking
capacitors and bias inductor are required
to maintain this Return Loss at the
intended operating frequency range.
5MHz
15
dB
300MHz
27
dB
700MHz
17
dB
Reverse Isolation
19
dB
Output IP3
At
7 MHz (2 Tone 5 dBm / Tone 1 MHz Spacing)
+45
dBm
Output IP3
At 300 MHz (2 Tone 5 dBm / Tone 6 MHz Spacing)
+42
dBm
Output IP3
At 700 MHz (2 Tone 5 dBm / Tone 6 MHz Spacing)
+36
dBm
Output IP2
At
5 MHz (2 Tone 3 dBm / Tone 6 MHz Spacing)
+61
dBm
Output IP2
At 300 MHz (2 Tone 3 dBm / Tone 6 MHz Spacing)
+59
dBm
Output IP2
At 700 MHz (2 Tone 3 dBm / Tone 6 MHz Spacing)
+50
dBm
Output P1dB
At
5 MHz
+22.8
dBm
Output P1dB
At 300 MHz
+22
dBm
Output P1dB
At 700 MHz
+20
dBm
Notes:
Test conditions unless otherwise noted: VDD = +9.0 V, Temp = +25°C in a 75Ω system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com