| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DS1925 bảng dữ liệu(PDF) 21 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS1925 bảng dữ liệu(HTML) 21 Page - Maxim Integrated Products |
|
21 / 46 page ![]() Figure 9a. Memory/Control Function Flowchart- XPC Sub-Commands Flowchart DS1925 iButton High-Capacity Temperature Logger with 122KB Data-Log Memory www.maximintegrated.com Maxim Integrated │ 21 MASTER Tx MEMORY OR CONTROL FKT. COMMAND 0Fh WRITE SCRATCHPAD MASTER Tx TA1 (T7:T0) MASTER Tx TA2 (T15:T8) DS1925 SETS SCRATCH- PAD OFFSET = (T4:T0) AND CLEARS (PF, AA) MASTER Tx DATA BYTE TO SCRATCHPAD OFFSET DS1925 SETS (E4:E0) = SCRATCHPAD OFFSET MASTER Tx RESET? SCRATCH- PAD OFFSET = 11111b? PARTIAL BYTE WRITTEN? Y N Y MASTER Tx RESET? N MASTER Rx CRC16 OF COMMAND, ADDRESS DATA MASTER Tx RESET? N MASTER Rx "1"s Y N Y DS1925 INCREMENTS SCRATCHPAD OFFSET N Y PF = 1 Y N AAh READ SCRATCHPAD MASTER Rx TA1 (T7:T0) MASTER Rx TA2 (T15:T8) MASTER Rx ENDING OFFSET WITH DATA STATUS (E/S) DS1925 SETS SCRATCH- PAD OFFSET = (T4:T0) MASTER Tx RESET? SCRATCH- PAD OFFSET = 11111b? Y N Y MASTER Rx CRC16 OF COMMAND, ADDRESS DATA, E/S BYTE, AND DATA STARTING AT THE TARGET ADDRESS MASTER Tx RESET? N MASTER Rx "1"s N Y DS1925 INCREMENTS SCRATCHPAD OFFSET Y N FROM ROM FUNCTIONS FLOWCHART (FIGURE 12) TO FIGURE 9 2nd PART MASTER Rx DATA BYTE TO SCRATCHPAD OFFSET TO ROM FUNCTIONS FLOWCHART (FIGURE 12) FROM FIGURE 9 2nd PART |