công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LCX16541TTR bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện 74LCX16541TTR
Giải thích chi tiết về linh kiện  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS/OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX16541TTR bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  74LCX16541TTR Datasheet HTML 1Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 2Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 3Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 4Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 5Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 6Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 7Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 8Page - STMicroelectronics 74LCX16541TTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74LCX16541
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
IEC LOGIC SYMBOLS
PIN No
SYMBOL
NAME AND FUNCTION
1, 48
1G1,1G2
Output Enable Inputs
2, 3, 5, 6, 8, 9,
11, 12
1Y1 to 1Y8 Data Outputs
13, 14, 16, 17,
19, 20, 22, 23
2Y1 to 2Y8 Data Outputs
24, 25
2G1,2G2
Output Enable Inputs
36, 35, 33, 32,
30, 29, 27, 26
2A1 to 2A8 Data Outputs
47, 46, 44, 43,
41, 40, 38, 37
1A1 to 1A8 Data Outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G1
G2
An
Yn
H
XXZ
XHX
Z
LL
H
H
LLL
L



Html Pages

1 2 3 4 5 6 7 8 9