công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC200-11-M2/4 bảng dữ liệu(PDF) 1 Page - M-System Co.,Ltd.

tên linh kiện SC200-11-M2/4
Giải thích chi tiết về linh kiện  Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MSYSTEM [M-System Co.,Ltd.]
Trang chủ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

SC200-11-M2/4 bảng dữ liệu(HTML) 1 Page - M-System Co.,Ltd.

  SC200-11-M2/4 Datasheet HTML 1Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 2Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 3Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 4Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 5Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 6Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 7Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 8Page - M-System Co.,Ltd. SC200-11-M2/4 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MODEL: SC200
SC200 SPECIFICATIONS
ES-6338 Rev.17 Page 1/12
http://www.m-system.co.jp/
Single Loop Controller Series
MULTI-FUNCTION PID CONTROLLER
(color LCD with touch-panel, Modbus/NestBus
communication)
144
(5.67)
72
(2.83)
mm (inch)
*Selectable with option code
*
MODEL: SC200–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: SC200-[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. SC200-11-M2/3/E/1/T/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] DISCRETE OUTPUT
1: Relay contact
2: Photo MOSFET relay
[2] MODBUS
1: Modbus-RTU
2: Modbus/TCP
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 50/60 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS (multiple selections)
Housing Depth
blank: 250 mm
/300: 300 mm (Discontinued, select /3)
/400: 400 mm (Discontinued, select /4)
/3: 300 mm
/4: 400 mm
Language
blank: Japanese
/E: English
(Language (Japanese or English) can be chosen by front
panel setting.)
Configurator Interface
blank: Infrared
/1: Stereo jack
(If external noise interference is a concern, stereo jack
type is recommended.)
Terminal block
blank: One block terminal
/T: Separable terminal
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
FUNCTIONS & FEATURES
Functions & Features
• Color LCD with touch panel
• Five Operation views (digital display, bargraph, dual-loop
bargraph, short trend and user's parameter table views)
• Enhanced screen functions for engineering (configuration,
programming and tuning views)
• Universal input x 2 points, analog input x 4 points,
discrete input x 6 points, pulse input x 5 points, high speed
pulse input x 1 point
• Current output (4-20 mA) x 2 points, voltage output (1-5
V) x 2 points, relay or photo-MOSFET relay output x 5 points
• RUN contact output (relay) x 1 point
• I/O signals can be added with remote I/O modules
connected via NestBus peer-to-peer communication
• Computation cycle selectable between 50 msec. and 3
sec. (control cycle selectable between 1 and 64 times of the
computation cycle)
• Two PID function blocks
• Advanced computation and sequence control functions
• Auto-tuning function
• Parameter input and changing with touch panel
• Function parameter setting, list printing and data
downloading/uploading available with Loop Configuration
Builder Software (model: SFEW3E)
• Short trend export (CSV), display parameter setting,


Số phần tương tự - SC200-11-M2/4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
SC2000 PHILIPS-SC2000 Datasheet
221Kb / 44P
Universal Timeslot Interchange
2000 Sep 07
logo
List of Unclassifed Man...
SC2002 ETC-SC2002 Datasheet
63Kb / 1P
20 CHARACTERS x 2 LINES
logo
Cynergy3 Co
SC2002ALM-HL CYNERGY3-SC2002ALM-HL Datasheet
78Kb / 1P
Dual Trip Amplifier
logo
List of Unclassifed Man...
SC2002D ETC-SC2002D Datasheet
87Kb / 1P
LCD MODULE 20 CHARACTERS X 2 LINES
SC2002F ETC-SC2002F Datasheet
63Kb / 1P
20 CHARACTERS x 2 LINES
More results

Mô tả tương tự - SC200-11-M2/4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022 Datasheet
635Kb / 1P
Ethernet-based Dual-loop PID Controller
logo
Red Lion Controls. Inc
PXU10020 REDLION-PXU10020 Datasheet
564Kb / 3P
PXU PID Controller
logo
M-System Co.,Ltd.
SC110 MSYSTEM-SC110 Datasheet
437Kb / 12P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC100 MSYSTEM-SC100 Datasheet
395Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200D MSYSTEM-SC200D Datasheet
419Kb / 11P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC200W MSYSTEM-SC200W Datasheet
436Kb / 10P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210 MSYSTEM-SC210 Datasheet
579Kb / 14P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SC210W MSYSTEM-SC210W Datasheet
482Kb / 13P
Single Loop Controller Series MULTI-FUNCTION PID CONTROLLER
SM10 MSYSTEM-SM10 Datasheet
226Kb / 9P
Single Loop Controller Series
logo
Advantech Co., Ltd.
ADAM-6022 ADVANTECH-ADAM-6022_V02 Datasheet
463Kb / 1P
Ethernet-based Dual-loop PID Controller
13-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com