| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8-TS2 bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R8-TS2 bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: R8-TS2 http://www.m-system.co.jp/ R8-TS2 SPECIFICATIONS ES-9742 Rev.4 Page 3/4 OPERATING MODE SETTING (*) Factory setting Caution ! - SW4-4 through 4-6 are unused. Be sure to turn off unused ones. ■ Module Address The left switch determines the tenth place digit, while the right switch does the ones place digit of the address. Address is selected between 0 to 31. (Factory setting: 0) Module Address Setting (x1) Module Address Setting (x10) 1 0 9 1 0 9 ■ THERMOCOUPLE TYPE Same setting for all channels. Use PC Configurator to set independent settings per channel. T/C SW4 1 2 3 K (CA) (*) OFF OFF OFF E (CRC) ON OFF OFF J (IC) OFF ON OFF T (CC) ON ON OFF B (RH) OFF OFF ON R ON OFF ON S OFF ON ON C (WRe 5-26) ON ON ON Use PC Configurator Software (model: R8CFG) to set N, U, L, P (Platinel II) and PR thermocouples. ■ Burnout BURNOUT SW4 7 Upscale (*) OFF Downscale ON ■ Configuration Mode CONFIGURATION MODE SW4 8 DIP switch setting (*) OFF PC Configurator and communication ON TERMINATOR SW SW3 Without (*) OFF With ON ■ Terminator DIP SW |