công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NF2EB-5V bảng dữ liệu(PDF) 3 Page - Nais(Matsushita Electric Works)

tên linh kiện NF2EB-5V
Giải thích chi tiết về linh kiện  FLATPACK RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NAIS [Nais(Matsushita Electric Works)]
Trang chủ  
Logo NAIS - Nais(Matsushita Electric Works)

NF2EB-5V bảng dữ liệu(HTML) 3 Page - Nais(Matsushita Electric Works)

  NF2EB-5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) NF2EB-5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) NF2EB-5V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NF
200
REFERENCE DATA
1. Life curve
2. Coil temperature rise (resistance method)
3. H2S gas test
0.5
1
1.5
2
2.5
10
100
1,000
30 V DC Resistive
Load current, A
0.2
0.4
0.6
0.8
1.0
1.2 1.4
20
40
60
Operating power, W
Exposure time, hrs
50m
Ω
100m
Ω
500m
Ω
1
Ω
5
Ω
10
Ω
50
Ω
100
Ω
20 50 100 200 1,000
2,000
500
Gas density:
2 to 5 ppm
Temperature: 40
°C
Humidity: 90%
Sealed NFEB relay
4. Contact reliability
Test conditions:
1. Contact current/voltage: 10 µA 100 mV 1 kHz
2. Cycle rate 20 cps.
3. Miscontact detection level: 1 mW (= 100 Ohm)
4. Detection method: Observation of all changeover
contacts
Test result:
m = 1.5
m = 21.2 x 106
95% confidence level = 3.1 x 106
17 contacts out of 20 achieved 10 million no miscon-
tact operations.
0.1
0.5 1.0
5.0 10.0
50 100
0.1
0.2
0.15
0.3
0.4
0.5
1.0
1.5
2.0
3.0
4.0
5.0
10.0
20.0
25.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
95.0
99.0
99.9
15.0
No. of operations,
×106
F(t)(%)
5. High temperature test
Test conditions:
Ambient temperature: 80°C ±2°C
Test method:
1. All contacts were switched for 100 operations on 2
A 30 V DC resistive load.
2. Samples then were exposed to 80°C temperature
for 5,000 hours, continuous
3. Contact resistance was measured with Hewlett-
Packard testing equipment.
Test result:
Amber relays showed a stable spread of contact resis-
tance within the initially specified 50 mW after 5,000
hours exposure.
100 200 300 400 500 1,000
5,000
3,000
0
10
20
30
40
50
60
70
Exposure, hrs.
N.C. contacts
N.O. contacts
Min.
Max.
Min.
Max.
NOTES
1. Prevention of vibration and shock
To reduce the likelihood of vibration and
shock, we recommend that you install so
that the contact action is not in the direc-
tion of gravity.
Top
Common terminal
Coil terminal
NC terminal
NO terminal
Bottom
 2001 Matsushita Electric Works Group Europe
For Cautions for Use, see Relay Technical Information.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com