| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OMT50-R101-2EP-IO-L bảng dữ liệu(PDF) 4 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OMT50-R101-2EP-IO-L bảng dữ liệu(HTML) 4 Page - Pepperl+Fuchs Inc. |
|
4 / 4 page ![]() Germany: +49 621 776 4411 Pepperl+Fuchs Group Refer to “General Notes Relating to Pepperl+Fuchs Product Information”. USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Distance sensor OMT50-R101-2EP-IO-L 4 Window mode operating mode (two switch points): • Detection of objects irrespective of type and color in a defined detection range. Reliable detection when object leaves the detection range. • Window mode with two switch points. Center window mode operating mode (one switch point): • Detection of objects irrespective of type and color in a defined detection range. Sets a defined window around a given object. Objects outside this window are not detected. • Window mode with one switch point. Two point mode operating mode (hysteresis operating mode): • Detection of objects irrespective of type and color between a defined switch-on and switch-off point. Inactive operating mode: • Evaluation of switching signals is deactivated. The associated IODD device description file can be found in the download area at www.pepperl-fuchs.com. active detection range Background suppression Foreground suppression active detection range Background suppression Foreground suppression active detection range Hysteresis Output Output |