| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DWM1001-DEV bảng dữ liệu(PDF) 11 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
DWM1001-DEV bảng dữ liệu(HTML) 11 Page - Qorvo, Inc |
|
11 / 15 page ![]() DWM1001 Module Development Board Datasheet © Decawave Ltd 2017 Subject to change without notice Version 1.3 Page 11 6 POWER SUPPLY AND BATTERY CONNECTIONS The Power Supply takes its input from USB or from a Battery or from a connected Raspberry Pi. It powers the module and the other devices on the Module Development Board. It can also charge a connected battery when powered by USB or the Raspberry Pi. The Battery Charger is a Lithium - Ion battery charger. Batteries can be connected to the module development board at the connectors shown in Figure 12. Figure 12: Picture of the module development board showing the battery connection points and buttons 7 BUTTONS SW1 AND SW2 There are two buttons on the PCB, SW1 and SW2. SW1 is connected to the RESETn pin on the DWM1001 module and SW2 is connected to the BT_WAKE_UP pin on the DWM1001 module. SW2 wakes up the Bluetooth functionality when a tag is in low-power mode, as described in the System Overview document[3]. Buttons are shown above in Figure 12. Positive Battery Connection Buttons connected to DWM1001 |