công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY25818SC bảng dữ liệu(PDF) 2 Page - Cypress Semiconductor

tên linh kiện CY25818SC
Giải thích chi tiết về linh kiện  SPREAD SPECTRUM CLOCK GENERATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25818SC bảng dữ liệu(HTML) 2 Page - Cypress Semiconductor

  CY25818SC Datasheet HTML 1Page - Cypress Semiconductor CY25818SC Datasheet HTML 2Page - Cypress Semiconductor CY25818SC Datasheet HTML 3Page - Cypress Semiconductor CY25818SC Datasheet HTML 4Page - Cypress Semiconductor CY25818SC Datasheet HTML 5Page - Cypress Semiconductor CY25818SC Datasheet HTML 6Page - Cypress Semiconductor CY25818SC Datasheet HTML 7Page - Cypress Semiconductor CY25818SC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY25818/19
Document #: 38-07362 Rev. *A
Page 2 of 8
.
Overview
The Cypress CY25818/19 products are Spread Spectrum
Clock Generator (SSCG) ICs used for the purpose of reducing
EMI found in today’s high-speed digital electronic systems.
The devices use a Cypress proprietary phase-locked loop
(PLL) and Spread Spectrum Clock (SSC) technology to
synthesize and modulate the frequency of the input clock. By
frequency modulating the clock, the measured EMI at the
fundamental and harmonic frequencies is greatly reduced.
This reduction in radiated energy can significantly reduce the
cost of complying with regulatory agency requirements and
improve time to market without degrading system perfor-
mance.
The input frequency range is 8–16 MHz for the CY25818 and
16–32 MHz for the CY25819. Both products accept external
clock, crystal, or ceramic resonator inputs.
The CY25818/19 provide separate modulated (SSCLK) and
unmodulated reference (REFCLK) clock outputs which are the
same frequency as the input clock frequency. Down spread
frequency modulation can be selected by the user, based on
three discrete values of Spread%. A separate Power-down
function is also provided.
The CY25818/19 products are available in an 8-pin SOIC
(150-mil) package with a commercial operating temperature
range of 0–70
°C. Contact Cypress for availability of –40 to
+85
°C industrial temperature range operation or TSSOP
package
versions.
Refer
to
the
CY25568,
CY25811,
CY25812, and CY25814 products for other functions such as
clock multiplication of 1×, 2×, or 4× to generate a wide range
of Spread Spectrum output clocks from 4 to 128 MHz.
Input Frequency Range and Selection
CY25818/19 input frequency range is 8–32 MHz. This range
is divided into two segments, as given in Table 1.
Spread% Selection
CY25818/19 SSCG products provide Down-Spread frequency
modulation. The amount of Spread% is selected by using
3-Level S0 digital input. Spread% values are given in Table 2.
3-Level Digital Inputs
S0 digital input is designed to sense three logic levels desig-
nated as HIGH “1,” LOW “0,” and MIDDLE “M.” With this
3-Level digital input logic, the 3-Level logic is able to detect
three different logic levels.
The S0 pin includes an on-chip 20K (10K/10K) resistor divider.
No external application resistors are needed to implement
3-Level logic, as follows.
Logic Level “0”: 3-Level logic pin connected to GND.
Logic Level “M”: 3-Level logic pin left floating (no connection.)
Logic Level “1”: 3-Level logic pin connected to VDD.
Pin Description
Pin
Name
Description
1
XIN/CLK
Clock, Crystal, or Ceramic Resonator Input Pin.
2
VSS
Power Supply Ground.
3S0
Digital Spread% Control Pin. 3-Level input (H-M-L). Default = M.
4
SSCLK
Modulated Spread Spectrum Output Clock. The output frequency is referenced to
input frequency. Refer to Table 2 for the amount of modulation (Spread%).
5REFCLK
Unmodulated Reference Clock Output. The unmodulated output frequency is the
same as the input frequency.
6PD#
Power-Down Control Pin. Default = H (VDD).
7VDD
Positive Power Supply.
8XOUT
Clock, Crystal, or Ceramic Resonator Output Pin. Leave this pin unconnected if an
external clock is used at XIN pin.
Table 1. Input and Output Frequency Selection
Product
Input/Output Frequency Range
CY25818
8–16 MHz
CY25819
16–32 MHz
Table 2. Spread% Selection
XIN (MHz)
Product
S0 = 1
S0 = 0
S0 = M
Down (%)
Down (%)
Down (%)
8–10
CY25818
–3.0
–2.2
–0.7
10–12
CY25818
–2.7
–1.9
–0.6
12–14
CY25818
–2.5
–1.8
–0.6
14–16
CY25818
–2.3
–1.7
–0.5
16–20
CY25819
–3.0
–2.2
–0.7
20–24
CY25819
–2.7
–1.9
–0.6
24–28
CY25819
–2.5
–1.8
–0.6
28–32
CY25819
–2.3
–1.7
–0.5



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com