công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NGI-U08 bảng dữ liệu(PDF) 2 Page - Tripp Lite. All Rights Reserved

tên linh kiện NGI-U08
Giải thích chi tiết về linh kiện  8-Port Unmanaged Industrial Gigabit Ethernet Switch - 10/100/1000 Mbps, DIN Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPPLITE [Tripp Lite. All Rights Reserved]
Trang chủ  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

NGI-U08 bảng dữ liệu(HTML) 2 Page - Tripp Lite. All Rights Reserved

  NGI-U08 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved NGI-U08 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved NGI-U08 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
OVERVIEW
UPC Code
037332264152
Product Type
Unmanaged Industrial Gigabit Ethernet Switch
INPUT
Maximum Input Amps Details
Maximum of 1A DC. The device power shall be supplied by LPS (Limited Power Source)
Voltage Compatibility (VDC)
From 9~57
Power Source
6-Pin Terminal Block
USER INTERFACE, ALERTS & CONTROLS
LED Indicators
1- PWR(Green): for Power, 2- RPS(Green): for Power by terminal block RPS, 3- ALM(Rad): for PWR & RPS fails, 4-
1000(Green): for Ethernet speed 1000Mbps, 5- LNK/ACT(Green): for data Transmitting/Receiving
PHYSICAL
Primary Form Factor
Din-Rail
Color
Black
Form Factors Supported
DIN-Rail Mountable
Material of Construction
Metal casing
Unit Dimensions (hwd / in.)
3.92 x 1.97 x 4.56
Unit Weight (kg)
0.50
Unit Weight (lbs.)
1.10
ENVIRONMENTAL
Storage Temperature Range
-40 to 176°F (-40°C to 80°C)
Relative Humidity
5 to 95% (non-condensing)
Operating Temperature
-40 to 167°F (-40°C to 75°C)
Power Consumption (Watts)
5.00
COMMUNICATIONS
Network Compatibility
1 Gbps (Gigabit)
Network Compatibility Details
Auto-negotiable
Switching Capacity
16Gbps
Switching Capacity Details
1Gbps Per Port with Full Duplex
CONNECTIONS
RJ45 Ports
8
2 / 3



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com