công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5603CFMMG4R bảng dữ liệu(PDF) 53 Page - NXP Semiconductors

tên linh kiện MPC5603CFMMG4R
Giải thích chi tiết về linh kiện  MPC5604B/C Microcontroller Data Sheet
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603CFMMG4R bảng dữ liệu(HTML) 53 Page - NXP Semiconductors

Back Button MPC5603CFMMG4R Datasheet HTML 49Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 50Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 51Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 52Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 53Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 54Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 55Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 56Page - NXP Semiconductors MPC5603CFMMG4R Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 14
NXP Semiconductors
53
Figure 11. VDD_HV and VDD_BV maximum slope
When STANDBY mode is used, further constraints are applied to the both VDD_HV and VDD_BV in order
to guarantee correct regulator function during STANDBY exit. This is described on Figure 12.
STANDBY regulator constraints should normally be guaranteed by implementing equivalent of CSTDBY
capacitance on application board (capacitance and ESR typical values), but would actually depend on
exact characteristics of application external regulator.
Figure 12. VDD_HV and VDD_BV supply constraints during STANDBY mode exit
VDD_HV
t
d
d
VDD
POWER UP
POWER DOWN
VDD_HV(MAX)
FUNCTIONAL RANGE
VDD_HV(MIN)
VDD_HV
VDD_HV(MIN)
ΔVDD(STDBY)
VDD_HV
VDD_HV(MAX)
VDD_LV
t
d
d
VDD STDBY
()
ΔVDD(STDBY)
VDD_LV(NOMINAL)
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More