| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7ML-TS4-R/F2K bảng dữ liệu(PDF) 39 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7ML-TS4-R/F2K bảng dữ liệu(HTML) 39 Page - M-System Co.,Ltd. |
|
39 / 40 page ![]() MODEL: R7ML http://www.m-system.co.jp/ R7ML SPECIFICATIONS ES-7805 Rev.11 Page 39/40 PNP TRANSISTOR OUTPUT EXTENSION MODULE, 16 points (shortcircuit protection) MODEL: R7ML-EC16D SPECIFICATIONS Common: Positive common (PNP) per 16 points Number of I/O: Output, 16 points Maximum outputs applicable at once: No limit (at 24 V DC) Output status indicator: LED turns ON with contact ON Isolation: Output to internal circuits Rated load voltage Nominal: 19.2 to 30 V DC Absolute: 15 to 45 V DC Rated output current: 0.25 A per point, 2.0 A per common Residual voltage: ≤ 2.0 V Leakage current: ≤ 0.3 mA (24 V DC load, all points OFF) ON delay: ≤ 0.5 msec. OFF delay: ≤ 1.5 msec. Shortcircuit protection: Works for 0.7 A or more; automatically resets after recovery (When driving an inductive load, connect a diode in parallel with the load.) TERMINAL ASSIGNMENTS 10 +24 V 11 Y1 12 Y3 1 0 V 2 Y0 3 Y2 13 Y5 4 Y4 14 Y7 5 Y6 15 Y9 6 Y8 16 YB 7 YA 17 YD 8 YC 9 YE 18 YF NO. ID FUNCTION NO. ID FUNCTION 1 0 V 0 V 10 +24 V 24 V DC (common) 2 Y0 Output 0 11 Y1 Output 1 3 Y2 Output 2 12 Y3 Output 3 4 Y4 Output 4 13 Y5 Output 5 5 Y6 Output 6 14 Y7 Output 7 6 Y8 Output 8 15 Y9 Output 9 7 YA Output 10 16 YB Output 11 8 YC Output 12 17 YD Output 13 9 YE Output 14 18 YF Output 15 CIRCUIT DIAGRAM Output Circuit Control Circuit ■ Output Circuit 10 17 18 1 YD 16 YB 0 V YF 15 Y9 14 Y7 13 Y5 12 Y3 11 Y1 9 YE 8 YC 7 YA 6 Y8 5 Y6 4 Y4 3 Y2 +24 V Y0 2 2 +24 V 10 Y0 18 YF 1 0 V Control Circuit ■ Output Connection Example 10 1 2 Y0 0 V +24 V – + 18 YF |