công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R7M-DC16A-R-AR bảng dữ liệu(PDF) 15 Page - M-System Co.,Ltd.

tên linh kiện R7M-DC16A-R-AR
Giải thích chi tiết về linh kiện  Remote I/O R7 Series MODBUS I/O MODULE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MSYSTEM [M-System Co.,Ltd.]
Trang chủ  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7M-DC16A-R-AR bảng dữ liệu(HTML) 15 Page - M-System Co.,Ltd.

Back Button R7M-DC16A-R-AR Datasheet HTML 11Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 12Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 13Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 14Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 15Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 16Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 17Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 18Page - M-System Co.,Ltd. R7M-DC16A-R-AR Datasheet HTML 19Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
MODEL: R7M
R7M SPECIFICATIONS
ES-7803 Rev.26 Page 15/39
http://www.m-system.co.jp/
NPN DISCRETE INPUT &
NPN TRANSISTOR OUTPUT MODULE, 8 points each
(115.2 kbps)
MODEL: R7M-DAC16C
SPECIFICATIONS
■ COMMON SPECIFICATIONS
Input common: Positive common per 8 points
Output common: Negative common per 8 points
Number of I/O: Input, 8 points; Output, 8 points
Maximum I/O applicable at once: No limit (at 24 V DC)
I/O status indicator: LED turns ON with contact ON
Isolation: I/O to power input to Modbus or FG
■ INPUT
Rated input voltage: 24 V DC ±10 %; ripple 5 %p-p max.
ON voltage/current: ≥ 15 V DC (input-C+) / ≥ 3.5 mA
OFF voltage/current: ≤ 5 V DC (input-C+) / ≤ 1 mA
Input current: ≤ 5.5 mA per point at 24 V DC
Input resistance: Approx. 4.4 kΩ
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.0 msec.
■ OUTPUT
Rated load voltage: 24 V DC ±10 %
Rated output current: 0.1 A per point, 0.8 A per common
Residual voltage: ≤ 1.2 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.0 msec.
Overload current protection function: Limits the current
value when overcurrent is detected
Overheat Protection Function:
Turns OFF the output when overheat is detected
(When driving an inductive load, connect a diode in parallel
with the load.)
OPERATING MODE SETTING
(*) Factory setting
• Extension (SW1-1, 1-2)
SW1-1 SW1-2
Extension
OFF
OFF
No extension (*)
ON
OFF
Discrete input, 8 or 16 points
OFF
ON
Discrete output, 8 or 16 points
• Output Operation Mode (SW1-3)
SW1-3
Output operation mode
OFF
Disable (*)
ON
Enable
Output switching mode can be independently selected by
2 outputs with PC Configuration software. An example of
setting is given below.
Output 0: Maintained output
Output 1: Maintained output
Output 2: Momentary output
Output 3: Momentary output
Output 4: Momentary output
Output 5: Momentary output
Output 6: Maintained output
Output 7: Maintained output
• Output at the Loss of Communication (SW1-4)
SW1-4
Output at the loss of communication
OFF
Reset the output (turned off)
ON
Hold the output (*)
(maintains the last data received normally)
• Output Switching Mode (SW1-5)
SW1-5
Output switching mode
OFF
Maintained Output Mode (*)
ON
Momentary Output Mode
SW1-5 setting is disregarded when SW1-3 is set to ON.
• Output ON Time (SW1-6, 1-7, 1-8)
SW1-6
SW1-7
SW1-8
ON Time
OFF
OFF
OFF
100 ms (*)
ON
OFF
OFF
200 ms
OFF
ON
OFF
300 ms
ON
ON
OFF
500 ms
OFF
OFF
ON
1 s
ON
OFF
ON
2 s
OFF
ON
ON
5 s
ON
ON
ON
10 s
TERMINAL ASSIGNMENTS
14
5
6
X7
X6
Y0
15
Y1
16
17
18
7
8
9
Y3
Y5
Y7
Y2
Y4
10
1
2
C+
C–
X0
11
X1
12
13
3
4
X3
X5
X2
X4
Y6
NO.
ID
FUNCTION
NO.
ID
FUNCTION
1
C–
Common–
10
C+
Common+
2
X0
Input 0
11
X1
Input 1
3
X2
Input 2
12
X3
Input 3
4
X4
Input 4
13
X5
Input 5
5
X6
Input 6
14
X7
Input 7
6
Y0
Output 0
15
Y1
Output 1
7
Y2
Output 2
16
Y3
Output 3
8
Y4
Output 4
17
Y5
Output 5
9
Y6
Output 6
18
Y7
Output 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39