| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R7I4DECT-1-PA8A-R bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7I4DECT-1-PA8A-R bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 7 page ![]() MODEL: R7I4DECT-1-PA8A R7I4DECT-1-PA8A SPECIFICATIONS ES-7779-F Rev.0 Page 5/7 http://www.m-system.co.jp/ I/O DATA DESCRIPTIONS ■ TOTALIZED PULSE INPUT MODULE • Input Area Objects 0 15 16 31 32-bit binary data When the channel is invalid, the pulse count is fixed to 0. Accumulated pulse count (upper 16 bits) Accumulated pulse count (lower 16 bits) OUTPUT DATA n+0 • Output Area Objects 0 15 CH0 Pulse count reset bit CH1 Pulse count reset bit CH2 Pulse count reset bit CH3 Pulse count reset bit CH7 Pulse count reset bit CH4 Pulse count reset bit CH5 Pulse count reset bit CH6 Pulse count reset bit Unused 0 15 16 31 Preset value (upper 16 bits) Preset value (lower 16 bits) OUTPUT DATA n+1 0 15 OUTPUT DATA n+2 CH0 Pulse count preset bit CH1 Pulse count preset bit CH2 Pulse count preset bit CH3 Pulse count preset bit CH7 Pulse count preset bit CH4 Pulse count preset bit CH5 Pulse count preset bit CH6 Pulse count preset bit Unused ■ PULSE COUNT RESET In n+0 word of the output data from host PC/PLC, the bits to reset the totalized values of the respective channels are allocated. By changing the bits from 0 to 1, the totalized values of the respective channels are reset. Confirm that the totalized values are reset, and return the bits to 0. Note that the next reset will not work if the reset bits remain at 1. ■ PULSE COUNT PRESET Write the desired preset values in n+2 word and n+3 word of the output data from host PC/PLC. The bits to preset the totalized values of the respective channels are allocated in n+1 word. By changing the bits from 0 to 1, the preset values are reflected to the totalized values of the respective channels. Confirm that the totalized values are preset, and return the bits to 0. Note that the next preset will not work if the preset bits remain at 1. |