| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC885EC bảng dữ liệu(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC885EC bảng dữ liệu(HTML) 26 Page - NXP Semiconductors |
|
26 / 87 page ![]() MPC885/MPC880 PowerQUICC Hardware Specifications, Rev. 7 26 Freescale Semiconductor Bus Signal Timing Figure 10 provides the timing for the synchronous input signals. Figure 10. Synchronous Input Signals Timing Figure 11 provides normal case timing for input data. It also applies to normal read accesses under the control of the user-programmable machine (UPM) in the memory controller. Figure 11. Input Data Timing in Normal Case CLKOUT TA, BI TEA, KR, RETRY, CR BB, BG, BR B16 B17 B16a B17a B16b B17 CLKOUT TA D[0:31] B16 B17 B19 B18 |