công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ACE25QC200GLFMTH bảng dữ liệu(PDF) 21 Page - ACE Technology Co., LTD.

tên linh kiện ACE25QC200GLFMTH
Giải thích chi tiết về linh kiện  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ACE [ACE Technology Co., LTD.]
Trang chủ  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLFMTH bảng dữ liệu(HTML) 21 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLFMTH Datasheet HTML 17Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC200GLFMTH Datasheet HTML 25Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
21
Active Status Interrupt (25h)
To simplify the readout of the WIP bit, the Active Status Interrupt Instruction (25h) may be used. It is then
not necessary to continuously read the status register, it is sufficient to monitor the value of the SO line. If
the SO line is connected to an interrupt line on the host controller, the host controller may be in sleep mode
until the SO line indicates that the device is ready for the next Instruction
The WIP bit can be read at any time, including during an internally self-timed program or erase operation.
To enable the Active Status Interrupt instruction, the /CS pin must first be asserted and the instruction code
of 25h must be clocked into the device. The value of the SI line after the instruction code being clocked in is
of no significance to the operation.
The value of WIP is then output on the SO line, and is continuously updated by the device for as long as the
/CS pin remains asserted. Additional clocks on the SCK pin are not required. That is, whether the additional
clock on the SCK pin exists is independent of the correct output of the value of WIP. (Figure 6. shows a
case where additional clocks exist). If the WIP bit changes from 1 to 0 while the /CS pin is asserted, the SO
line will change from 1 to 0. (The WIP bit cannot change from 0 to 1 during an operation, so if the SO line
already is 0, it will not change.)
De-asserting the /CS pin will terminate the Active Status Interrupt operation and put the SO pin into a
high-impedance state.
The sequence of issuing ASI instruction is: /CS goes low→ sending ASI instruction code→ WIP data out on
SO
Figure 6. Active Status Interrupt Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64