công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

108-106242 bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd

tên linh kiện 108-106242
Giải thích chi tiết về linh kiện  0.5 & 0.8 mm FASTON VARIABLE THICKNESS TAB PRODUCT SPECIFICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

108-106242 bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd

  108-106242 Datasheet HTML 1Page - TE Connectivity Ltd 108-106242 Datasheet HTML 2Page - TE Connectivity Ltd 108-106242 Datasheet HTML 3Page - TE Connectivity Ltd 108-106242 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
108-106242
REV B2
2 of 4
3.3.
Test Requirements and Procedures Summary
Unless otherwise specified, all tests shall be performed at ambient environmental conditions.
Figure 1
TEST DESCRIPTION
PROCEDURE
REQUIREMENT
3.1
Examination
of
the product
Visual,dimensional and functional
as per applicable inspection plan
and no physical damage. Test
Method”EIA-364-18 B”
Meets requirements of the product drawings and no
physical damage
3.2
Crimp
tensile
strength
Speed of tensile testing machine
to be 50 mm/ min. test until
breakage or pull-out as per DIN
46249
Wire section (mm²)
Minimum tensile force (N)
0.5
0.75
1.0
1.5
2.5
80
95
115
150
220
3.3
Mating force
Measure force to push terminal
onto plain test tab at the rate of 50
mm/ min.according to IEC 760
1st insertion
0.8mm tab
67N max.
0.5mm tab
35N max.
3.4
Unmating force
Measure force to push terminal
onto plain test tab at the rate of 50
mm/ min.according to IEC 760
1st extration
10th extration force
70N Max.
15N Min.
3.5
Millivolt
drop
specified current
Measure between mating and
wire, crimped on Faston connector
receptacle, including 10mm length
of the wire
Millivolt drop required (without 10mm mV drop of the
wire)
Wire
section
(mm²)
Test current(A)
0.5
5
18mv max
0.75
8
20mv max
1.0
10
20mv max
1.5
14
25mv max
2.5
20
30mv max
3.6
Temperature rise
Temperature rise at rated current
as per IEC 61210
Temperature rise of any individual termination shall not
exceed 30°C (temp. rise = temp. of contact
– room
temp.)
3.7
Vibration
Subject receptacle mated with
test tab to 10-100-10Hz at 10g
acceleration for 2 hours each in
X,Y and Z directions
– rate 1
octave/ minute amplitude of
oscillation 0.75mm
No physical damage. No discontinuities than 1
microsecond
3.8
Current cycling
Temperature rise at rated current
as per IEC 61210, One cycle 45
min. on / 15 min. off, duration of
500 cycles as per IEC 61210
The temperature rise Δt1 of any individual connection
is measured after the 24th cycle and Δt2 after the
500th cycle. The Δt2 value shall not exceed by 15°C
the Δt1 value and neither rise shall exceed 85°C on
transition between contact body and crimp wire barrel



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com