| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3-US4S/Q bảng dữ liệu(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-US4S/Q bảng dữ liệu(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 7 page ![]() MODEL: R3-US4 R3-US4 SPECIFICATIONS ES-8449 Rev.7 Page 7/7 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM RTD POTENTIOMETER THERMOCOUPLE • Upscale/no burnout • Downscale burnout – – + + DC VOLTAGE + - B A B INPUT CONNECTION C B C B A TERMINAL NETWORK C B A 2 1 11 4 3 13 6 5 15 8 7 17 A B C A B C A CJC Sensor – + - C B A CJC Sensor Control Circuit 9 11 10 14 12 16 18 20 19 + – 3 2 1 max. min. + 1 2 Photo MOSFET Multiplexer Floating A/D Converter INPUT 1 4 6 Communication Circuit INTERNAL POWER RUN LED ERR LED INTERNAL BUS A INTERNAL BUS B*1 *1. For dual redundant communication. *2. DO NOT connect the terminals 9, 10, 12, 14, 16, 18, 19 and 20. INPUT 4 INPUT 1 INPUT 2 INPUT 3 comp.wire comp.wire Note 1: Remove CJC sensor for RTD or potentiometer input. The CJC sensor does not affect to DC voltage input. Note 2: Be sure to eliminate noise as much as possible by e.g. using shielded cables. Ground the signal shield to a most stable earth point in the environment. Note 3: The temperature imbalance around the terminal affects greatly the cold junction compensation accuracy. In order to minimize such imbalance, do not expose the input terminals directly to the wind from a cooling fan. *2 ■ ■ ■ ■ ■ ■ Input Circuit 13 3 INPUT 2 Input Circuit 15 5 INPUT 3 Input Circuit 17 7 8 INPUT 4 Input Circuit Specifications are subject to change without notice. |