công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC977LP4E bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện HMC977LP4E
Giải thích chi tiết về linh kiện  GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

HMC977LP4E bảng dữ liệu(HTML) 5 Page - Analog Devices

  HMC977LP4E Datasheet HTML 1Page - Analog Devices HMC977LP4E Datasheet HTML 2Page - Analog Devices HMC977LP4E Datasheet HTML 3Page - Analog Devices HMC977LP4E Datasheet HTML 4Page - Analog Devices HMC977LP4E Datasheet HTML 5Page - Analog Devices HMC977LP4E Datasheet HTML 6Page - Analog Devices HMC977LP4E Datasheet HTML 7Page - Analog Devices HMC977LP4E Datasheet HTML 8Page - Analog Devices HMC977LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
HMC977
Rev. D | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NIC
NIC
VDRF
VDLO2
VDLO1
NIC
GND
IF1
NIC
IF2
GND
NIC
NOTES
1. NIC = NOT INTERNALLY CONNECTED. DO NOT
CONNECT TO THIS PIN.
2. EPAD. THE EPAD MUST BE CONNECTED TO GND.
2
1
3
4
5
6
18
17
16
15
14
13
HMC977
TOP VIEW
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 6, 7, 10 to 12,
15, 18 to 22
NIC
Not Internally Connected. These pins are not connected internally.
3
VDRF
Power Supply for the RF Low Noise Amplifier. See Figure 3 for the interface schematic.
4
VDLO2
Power Supply for the Second Stage LO Amplifier. See Figure 4 for the interface schematic.
5
VDLO1
Power Supply for the First Stage LO Amplifier. See Figure 5 for the interface schematic.
8
LO
Local Oscillator. This pin is ac-coupled and matched to 50 Ω. See Figure 6 for the interface schematic.
9, 13, 17, 24
GND
Ground Connect. Connect these pins to RF and dc ground. See Figure 7 for the interface schematic.
14
IF1
First Intermediate Frequency Port. This pin is dc-coupled. For applications not requiring operation to
dc, block this pin externally using a series capacitor with a value chosen to pass the necessary IF
frequency range. For operation to dc, this pin must not source or sink more than 3 mA of current or
device nonfunctionality or device failure may result. See Figure 8 for the interface schematic.
16
IF2
Second Intermediate Frequency Port. This pin is dc-coupled. For applications not requiring operation
to dc, block this pin externally using a series capacitor with a value chosen to pass the necessary IF
frequency range. For operation to dc, this pin must not source or sink more than 3 mA of current or
device nonfunctionality or device failure may result. See Figure 8 for the interface schematic.
23
RF
Radio Frequency Port. This pin is ac-coupled and matched to 50 Ω. See Figure 9 for the interface
schematic.
EPAD
Exposed Pad. The EPAD must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com