| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD301-B-15L bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-15L bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 85 page ![]() PSD3XX Family 46 Figure 22. Timing of 8-Bit Multiplexed Address/Data Bus Using R/W, E or R/W, DS (PSD3X1) 18 33 34 36 19 DATA VALID CSI/A19 as CSI DATA IN 8 12 5 1 32 7 15 32 32 14 14 6 6 10 9 ADDRESS A ADDRESS B 2 3 4 33 13 2 16 17 12 13 20 23 23 ADDRESS A ADDRESS B INPUT INPUT OUTPUT OUTPUT READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT Direct (1) PAD Input Multiplexed (2) Inputs A0/AD0- A7/AD7 Active Low AS Active High AS RD/E as E WR/VPP or R/W as R/W Any of PA0-PA7 as I/O Pin Any of PA0-PA7 Pins as Address Outputs Any of PB0-PB7 as I/O Pin 1 3 34 35 35 See referenced notes on page 64. |