| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD301-B-70M bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD301-B-70M bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 85 page ![]() PSD3XX Family 63 Figure 39. Port A as AD0–AD7 Timing (Track Mode) Using R/W, E or R/W, DS (PSD3X1) 33 25 33 32 12 28 24 34 35 DATA VALID 12 1 32 32 32 23 24 26 2 ADDRESS ADDRESS 2 3 2 35 READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT STABLE INPUT STABLE INPUT Direct PAD Input (1,4) Multiplexed PAD Inputs (5,7) A0/AD0- A7/AD7 or AS AS RD/E as E as E as E as E WR/VPP or R/W as R/W 1 3 34 27 23 PA0-PA7 29 CSOi (3,6) ADR OUT DATA IN DATA OUT WRITTEN DATA ADR OUT See referenced notes on page 64. |