| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD3XXR bảng dữ liệu(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD3XXR bảng dữ liệu(HTML) 57 Page - STMicroelectronics |
|
57 / 85 page ![]() PSD3XX Family 54 Figure 30. Timing of 8-Bit Non-Multiplexed Address/Data Bus Using R/W, E or R/W, DS (PSD3X1) 8 DATA VALID CSI/A19 as CSI 1 7 15 32 32 14 14 6 6 10 9 2 3 35 32 32 2 16 17 READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT A0/AD0- A15/AD15 as A0-A15 STABLE INPUT STABLE INPUT Direct (1) PAD Input PC0-PC2, CSI/A19 as Multiplexed Inputs DATA IN PA0-PA7 Active Low ALE Active High ALE 1 3 35 18 12 19 33 13 20 INPUT OUTPUT Any of PB0-PB7 as I/O Pin 4 34 34 33 12 13 RD/E as E as E as E as E WR/VPP or R/W as R/W 36 See referenced notes on page 64. |