công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC561 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện MPC561
Giải thích chi tiết về linh kiện  NEXUS Debugger and Trace for PowerPC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

MPC561 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  MPC561 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC561 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NEXUS-PPC
Software Concept Debugger
TRACE32 - Technical Information
5
High-Level Language Debugging
TRACE32 can directly load the output
of all standard compilers for C, C++,
JAVA, Pascal, Modula2, PEARL and
ADA from most compiler vendors. Pro-
gram display and debugging can be
done in assembler, high-level or in a
mixture of both. It is possible to con-
struct both assembler and high-level
windows on the screen simultaneously.
All variable types specific to the high-
level language can be displayed and
modified. Addresses can be absolute,
relative or line number based.
Real-time update
Real-time update of memory and vari-
ables is possible while the CPU is run-
ning.
Debugging
The
debugger
uses
the
following
breakpoint implementations to stop the
program execution at a certain instruc-
tion:
J unlimited number of software
breakpoints for code in RAM
J Umlimited Code Breakpoints in
FLASH areas
J a limited number of onchip
breakpoints for code in ROM/
FLASH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23