| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
OBE2000-R2-SE0-Y264206 bảng dữ liệu(PDF) 4 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBE2000-R2-SE0-Y264206 bảng dữ liệu(HTML) 4 Page - Pepperl+Fuchs Inc. |
|
4 / 5 page ![]() Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Thru-beam sensor OBE2000-R2-SE0-Y264206 4 The thru-beam sensor enables the switching points to be taught in for optimum adaptation to specific applications. This eliminates the need for additional components such as apertures. Essentially, all Teach-in methods can be used in both "High Precision" and "High Power" operating modes. The sensitivity of the thru-beam sensor can be adjusted using three Teach-in methods: Position Teach When using this Teach-in method, the following settings are made on the thru-beam sensor: • The gain is set to an optimum value • The signal threshold is set to a minimum Teach-In Methods X 100 10 1 0.1 0 50 100 150 200 250 300 350 2 Distance X [mm] Relative received light strength High Precision Modus Stability control 350 300 250 200 150 100 50 0 0 0.5 1.0 1.5 2.0 2.5 3.0 X Distance in m Light spot diameter Long Range Modus Diameter in mm 6 5 4 3 2 1 0 0 0.05 0.10 0.15 0.20 0.25 0.30 X Distance in m Light spot diameter High Precision Modus Diameter in mm |