| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRKT/7212AS90 bảng dữ liệu(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKT/7212AS90 bảng dữ liệu(HTML) 2 Page - International Rectifier |
|
2 / 10 page ![]() IRK.71, .91 Series 2 Bulletin I27132 rev. H 10/02 www.irf.com On-state Conduction I T(AV) Max. average on-state current (Thyristors) 180o conduction, half sine wave, I F(AV) Max. average forward T C = 85oC current (Diodes) I O(RMS ) Max. continuous RMS on-state current. 165 210 As AC switch I TSM Max. peak, one cycle 1665 1785 t=10ms No voltage or non-repetitive on-state 1740 1870 t=8.3ms reapplied I FSM or forward current 1400 1500 t=10ms 100% V RRM 1470 1570 t=8.3ms reapplied 1850 2000 t=10ms T J = 25oC, 1940 2100 t=8.3ms no voltage reapplied I 2 t Max. I 2t for fusing 13.86 15.91 t=10ms No voltage 12.56 14.52 t=8.3ms reapplied 9.80 11.25 t=10ms 100% V RRM 8.96 10.27 t=8.3ms reapplied 17.11 20.00 t=10ms T J = 25oC, 15.60 18.30 t= 8.3ms no voltage reapplied I 2 √t Max. I 2 √t for fusing (1) 138.6 159.1 KA 2 √s t=0.1 to 10ms, no voltage reapplied V T(TO) Max. value of threshold 0.82 0.80 Low level (3) voltage (2) 0.85 0.85 High level (4) r t Max. value of on-state 3.00 2.40 Low level (3) slope resistance (2) 2.90 2.25 High level (4) V TM Max. peak on-state or I TM = πxI T(AV) V FM forward voltage I FM = πxI F(AV) di/dt Max. non-repetitive rate T J = 25oC, from 0.67 V DRM , of rise of turned on 150 A/µs I TM = π x I T(AV), I g = 500mA, current t r < 0.5 µs, t p > 6 µs I H Max. holding current 200 T J = 25oC, anode supply = 6V, resistive load, gate open circuit IL Max. latching current 400 TJ = 25 oC, anode supply = 6V, resistive load Parameters IRK.71 IRK.91 Units Conditions Initial T J = T J max. A KA 2s V m Ω 1.59 1.58 V mA or I (RMS) I (RMS) ELECTRICAL SPECIFICATIONS Voltage Ratings Type number V RRM , maximum V RSM , maximum V DRM , max. repetitive I RRM Voltage repetitive non-repetitive peak off-state voltage, IDRM Code peak reverse voltage peak reverse voltage gate open circuit 125°C - VVV mA 04 400 500 400 06 600 700 600 08 800 900 800 IRK.71/ .91 10 1000 1100 1000 15 12 1200 1300 1200 14 1400 1500 1400 16 1600 1700 1600 Sinusoidal half wave, Initial T J = T J max. 75 95 T J = T J max TJ = TJ max TJ = 25°C (1) I 2t for time t x = I2 √t x √t x (2) Average power = V T(TO) x I T(AV) + r t x (I T(RMS) ) 2 (3) 16.7% x π x I AV < I < π x I AV (4) I > π x I AV |