| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3-MS8W/CE bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-MS8W/CE bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: R3-MS8 R3-MS8 SPECIFICATIONS ES-8402 Rev.9 Page 4/5 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 1 2 INTERNAL POWER Control Circuit Communication Circuit 27 9 28 10 DIP SW RUN LED ERR LED 3 4 6 7 8 15 11 16 12 19 17 20 18 21 24 22 25 26 23 5 14 13 1 Input Circuit Input Circuit Input Circuit Input Circuit Input Circuit Input Circuit Input Circuit Input Circuit * For dual redundant communication. INPUT 1 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 2 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 3 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 4 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 5 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 6 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 7 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator INPUT 8 + – 3 2 1 POTENTIOMETER max. min. Excitation Generator • Unused Input Channels Close across the unused input terminals as shown below. The input will become unstable if unused channels are left open. Unused channels can be specified and set so on the PC Configurator Software (model: R3CON) without needing to short at the field terminals. 1 2 INPUT 1 4 5 INPUT 2 7 8 INPUT 3 10 11 3 6 9 12 INPUT 4 15 16 17 INPUT 5 18 19 20 INPUT 6 21 22 23 INPUT 7 24 25 26 INPUT 8 SHORT SHORT INTERNAL BUS A INTERNAL BUS B * |