| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3-NECT1/Q bảng dữ liệu(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-NECT1/Q bảng dữ liệu(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: R3-NECT1 R3-NECT1 SPECIFICATIONS ES-8274 Rev.0 Page 3/4 http://www.m-system.co.jp/ 0 15 16-bit binary data. Integer obtained by multiplying unit value (A) by 100. In case of CLSE-R5, integer obtained by multiplying unit value (A) by 1000. ■ ACCUMULATED COUNT DATA (32-bit data, models: R3-PA2, PA4A, WT1, WT4, etc.) 32-bit binary data is used for accumulated counts and encoder positions. Lower 16 bits are allocated from the lowest address to higher ones, higher 16 bits in turn. 0 15 +0 Lower 16 bits 0 15 +1 Higher 16 bits ■ BCD DATA (32-bit data, models: R3-BA32A, BC32A, etc.) 32-bit binary data is used for BCD. Lower 16 bits are allocated from the lowest address to higher ones, higher 16 bits in turn. 0 15 +0 Lower 16 bits 0 15 +1 Higher 16 bits ■ 16-POINT DISCRETE DATA (models: R3-DA16, DC16, etc.) 0 15 Input 1 (Output 1) Input 2 (Output 2) Input 3 (Output 3) : : Input 16 (Output 16) 0 : OFF 1 : ON EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) Positioning Guide 1 2 3 4 5 6 Terminal Cover 6-M3 SCREW 27.5 (1.08) 109 (4.29) |