| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3-GE1S/Q bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-GE1S/Q bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 8 page ![]() MODEL: R3-GE1 R3-GE1 SPECIFICATIONS ES-8464 Rev.10 Page 4/8 https://www.m-system.co.jp/ MODBUS FUNCTION CODES & SUPPORTED CODES ■ Data & Control Functions CODE NAME 01 Read Coil Status Digital output from the slave 02 Read Input Status X Status of digital inputs to the slave 03 Read Holding Registers X General purpose register within the slave 04 Read Input Registers X Collected data from the eld by the slave 05 Force Single Coil Digital output from the slave 06 Preset Single Register X General purpose register within the slave 07 Read Exception Status 08 Diagnostics X 09 Program 484 10 Poll 484 11 Fetch Comm. Event Counter Fetch a status word and an event counter 12 Fetch Comm. Event Log A status word, an event counter, a message count and a eld of event bytes 13 Program Controller 14 Poll Controller 15 Force Multiple Coils X Digital output from the slave 16 Preset Multiple Registers X General purpose register within the slave 17 Report Slave ID Slave type / ‘RUN’ status 18 Program 884/M84 19 Reset Comm. Link 20 Read General Reference 21 Write General Reference 22 Mask Write 4X Register 23 Read/Write 4X Register 24 Read FIFO Queue ■ Exception Codes CODE NAME 01 Illegal Function X Function code is not allowable for the slave 02 Illegal Data Address X Address is not available within the slave 03 Illegal Data Value X Data is not valid for the function 04 Slave Device Failure 05 Acknowledge 06 Slave Device Busy 07 Negative Acknowledge 08 Memory Parity Error ■ Diagnostic Subfunctions CODE NAME 00 Return Query Data X Loop back test 01 Restart Comm. Option X Reset the slave and clear all counters 02 Return Diagnostic Register X Contents of the diagnostic data (2 bytes) 03 Change ASCII Input Delimiter X Delimiter character of ASCII message 04 Force Listen Only Mode X Force the slave into Listen Only Mode |