| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3-GC1S/Q bảng dữ liệu(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-GC1S/Q bảng dữ liệu(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 6 page ![]() MODEL: R3-GC1 R3-GC1 SPECIFICATIONS ES-8462 Rev.7 Page 6/6 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM INTERNAL POWER INTERNAL BUS Communication Circuit FG SLD DG DB DA LED 2 3 6 1 5 4 RUN + RUN – ROTARY SW Control Circuit DIP SW Isolation To Other CC-Link Devices RUN CONTACT OUTPUT CONFIGURATION JACK JACK SYSTEM CONFIGURATION EXAMPLES In the following system configuration, PC Recorder software captures the CC-Link data via R3-GC1 which is used as a gateway. RS-232-C/RS-485 Converter (Model: R2K-1) PC Recorder software (Model: MSR128-V6) RS-232-C RS-485 CC-Link CC-Link Master Unit RUN ERR.1 ERR.2 6 7 8 CONFIG B RATE R3- GC1 R3- NM1 R3- PS1 Specifications are subject to change without notice. |