| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R3-DC16S/Q bảng dữ liệu(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-DC16S/Q bảng dữ liệu(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: R3-DC16 R3-DC16 SPECIFICATIONS ES-8377 Rev.12 Page 2/4 https://www.m-system.co.jp/ STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive FUNCTIONS ■OUTPUT HOLD or OUTPUT OFF In normal conditions, the module outputs the signal from the preferred bus A. When an error is detected, the output is switched to the data from the bus B. • Output Hold If both are in error, the module holds the signal and stands by until one of the communications recovers. • Output OFF If both are in error, the module outputs OFF signals and stands by until one of the communications recovers. At the startup, it outputs OFF until the communication is established and normal data is received. EXTERNAL VIEW RUN LED 1 11 12 13 14 15 16 17 18 19 20 2 3 4 5 6 7 8 9 10 ERR LED Output Status Indicator LEDs 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 ■ FRONT VIEW ■ SIDE VIEW SW3 ON 4 3 2 1 Output Hold |