| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R1M-A1T-R bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1M-A1T-R bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 10 page ![]() MODEL: R1M-A1 R1M-A1 SPECIFICATIONS ES-5661 Rev.14 Page 4/10 https://www.m-system.co.jp/ CONNECTION DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. RS-232-C T3 T4 T2 T1 T7 T6 T5 Term. Resist. Output Circuit When the device is located at the end of a transmission line via twisted-pair cable, (when there is no cross-wiring), close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire). When the device is not at the end, remove the jumper pin. * Power Circuit + – Shielded Twisted-pair Cable To Other I/O Modules Jumper* FG U (+) V (–) POWER 9 8 7 6 5 4 3 2 1 10 12 11 13 15 14 16 17 18 20 19 21 22 23 24 25 27 26 28 29 30 31 32 33 35 34 36 ch.1 ch.2 ch.3 ch.4 ch.5 ch.6 ch.7 ch.8 COM (–) ch.9 ch.10 ch.11 ch.12 ch.13 ch.14 ch.15 ch.16 COM (–) ch.17 ch.18 ch.19 ch.20 ch.21 ch.22 ch.23 ch.24 COM (–) ch.25 ch.26 ch.27 ch.28 ch.29 ch.30 ch.31 Count Reset Input ch.32 COM (–) Input Circuit Input Circuit A9 A8 A7 A6 A5 A4 A3 A2 A1 A10 A12 A11 A13 A15 A14 A16 B1 : B16 ch.1 ch.2 ch.3 ch.4 ch.5 ch.6 ch.7 ch.8 ch.9 ch.10 ch.11 ch.12 ch.13 ch.14 ch.15 ch.16 COM (–) A9 A8 A7 A6 A5 A4 A3 A2 A1 A10 A12 A11 A13 A15 A14 A16 ch.17 CN1 ch.18 ch.19 ch.20 ch.21 ch.22 ch.23 ch.24 ch.25 ch.26 ch.27 ch.28 ch.29 ch.30 ch.31 Count Reset Input ch.32 ■ FCN TYPE CONNECTOR ■ M3 SCREW TERMINALS CN2 B1 : B16 COM (–) |