| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SMH4803DHKP bảng dữ liệu(PDF) 4 Page - Summit Microelectronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SMH4803DHKP bảng dữ liệu(HTML) 4 Page - Summit Microelectronics, Inc. |
|
4 / 22 page ![]() 4 SMH4803 2041 8.4 6/15/00 SUMMIT MICROELECTRONICS AC Timing Characteristics, -40oC to +85oC Symbol Description Min. Typ. Max Unit tPDD Pin Detect Delay to Vgate enable 80 ms tCBD 50mv Circuit Breaker Delay (Filter) K 400 µs L 150 µs M50 µs N5 µs PGD Power Good Delay (PG1/PG2, PG2/PG3) A5 ms B20 ms C80 ms D 180 ms tFSTSHTDN Fast Shut Down Delay From Fault to 200 ns Vgate Off tCYC Circuit Breaker Cycle Mode Cycle Time 2.5 Sec. tVGD Delay from Release of Reset to Vgate on 100 ns tCBRST CBReset# Pulse Width 200 ns |