| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM652X bảng dữ liệu(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X bảng dữ liệu(HTML) 64 Page - Texas Instruments |
|
64 / 282 page ![]() Table 6-8. DDRSS0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] DDR_AC5 DDRSS Address and Command Bus IO E8 DDR_AC6 DDRSS Address and Command Bus IO F8 DDR_AC7 DDRSS Address and Command Bus IO C7 DDR_AC8 DDRSS Address and Command Bus IO C8 DDR_AC9 DDRSS Address and Command Bus IO D7 DDR_AC10 DDRSS Address and Command Bus IO E7 DDR_AC11 DDRSS Address and Command Bus IO A6 DDR_AC12 DDRSS Address and Command Bus IO F7 DDR_AC13 DDRSS Address and Command Bus IO D6 DDR_AC14 DDRSS Address and Command Bus IO C6 DDR_AC15 DDRSS Address and Command Bus IO F6 DDR_AC16 DDRSS Address and Command Bus IO E6 DDR_AC17 DDRSS Address and Command Bus IO E5 DDR_AC18 DDRSS Address and Command Bus IO D8 DDR_AC19 DDRSS Address and Command Bus IO D10 DDR_AC20 DDRSS Address and Command Bus IO E10 DDR_AC21 DDRSS Address and Command Bus IO C10 DDR_AC22 DDRSS Address and Command Bus IO F11 DDR_AC23 DDRSS Address and Command Bus IO B10 DDR_AC24 DDRSS Address and Command Bus IO D11 DDR_AC25 DDRSS Address and Command Bus IO B11 DDR_AC26 DDRSS Address and Command Bus IO C11 DDR_AC27 DDRSS Address and Command Bus IO E11 DDR_AC28 DDRSS Address and Command Bus IO E12 DDR_AC29 DDRSS Address and Command Bus IO D12 DDR_ALERTn DDRSS Parity Error IO D5 DDR_CK0N DDRSS Differential Clock (negative) IO B8 DDR_CK0P DDRSS Differential Clock (positive) IO A8 DDR_CK1N DDRSS Differential Clock (negative) IO B7 DDR_CK1P DDRSS Differential Clock (positive) IO A7 DDR_DM0 DDRSS Data Mask IO E1 DDR_DM1 DDRSS Data Mask IO C5 DDR_DM2 DDRSS Data Mask IO D14 DDR_DM3 DDRSS Data Mask IO B17 DDR_DQ0 DDRSS Data IO A3 DDR_DQ1 DDRSS Data IO B2 DDR_DQ2 DDRSS Data IO C2 DDR_DQ3 DDRSS Data IO D2 DDR_DQ4 DDRSS Data IO E2 DDR_DQ5 DDRSS Data IO G1 DDR_DQ6 DDRSS Data IO F2 DDR_DQ7 DDRSS Data IO F1 DDR_DQ8 DDRSS Data IO E3 DDR_DQ9 DDRSS Data IO C3 DDR_DQ10 DDRSS Data IO D3 AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 64 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |