| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R1MS-GH3T-R bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1MS-GH3T-R bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 8 page ![]() MODEL: R1MS-GH3 R1MS-GH3 SPECIFICATIONS ES-5671 Rev.12 Page 5/8 http://www.m-system.co.jp/ MODBUS COMMUNICATION ■ COMMUNICATION PARAMETERS PARAMETER SPECIFICATION Data Mode RTU Baud Rate 9600 / 19200 / 38400 (*) bps Parity None / Odd (*) / Even Bit Length 8 Stop Bit 1 (*) / 2 Node Address 1 (*) to 15 Floating Point Data N/A Interface RS-232-C/ RS-485 (*) Ex-factory setting ■ FUNCTION CODES & SUPPORTED CODES CODE NAME 01 Read Coil Status X Digital output from the slave 02 Read Input Status X Status of digital inputs to the slave 03 Read Holding Registers X General purpose register within the slave 04 Read Input Registers X Collected data from the field by the slave 05 Force Single Coil X Digital output from the slave 06 Preset Single Registers X General purpose register within the slave 07 Read Exception Status 08 Diagnostics 09 Program 484 10 Poll 484 11 Fetch Comm. Event Counter Fetch a status word and an event counter 12 Fetch Comm. Event Log A status word, an event counter, a message count and a field of event bytes 13 Program Controller 14 Poll Controller 15 Force Multiple Coils X Digital output from the slave 16 Preset Multiple Registers X General purpose register within the slave 17 Report Slave ID Slave type / ‘RUN’ status 18 Program 884/M84 19 Reset Comm. Link 20 Read General Reference 21 Write General Reference 22 Mask Write 4X Register 23 Read/Write 4X Register 24 Read FIFO Queue |