công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EDSTRG68PLCC bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện EDSTRG68PLCC
Giải thích chi tiết về linh kiện  TMS370 MICROCONTROLLER FAMILY DATA BOOK
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

EDSTRG68PLCC bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button EDSTRG68PLCC Datasheet HTML 10Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 11Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 12Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 13Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 14Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 15Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 16Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 17Page - Texas Instruments EDSTRG68PLCC Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
KEY FEATURES
1–6
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
key features
The TMS370 family is based on a register-to-register architecture that allows access to a register file (up to
256 bytes) in a single bus cycle. On-chip memory includes program memory (mask ROM or EPROM), static
RAM, standby RAM, and data EEPROM.
The versatile on-chip peripheral functions include an analog-to-digital converter (ADC1, ADC2, or ADC3), a
serial communications interface (SCI1 or SCI2), a serial peripheral interface (SPI), three different timer modules
(T1, T2A, and T2B), and up to 55 digital input / output (I / O) pins. The number and type of peripheral functions
(modules) is dependent on the TMS370 subfamily.
The following are key features of the TMS370 device family (not all features are available for all devices):
D Compatibility for supporting software migration between current and future microcontrollers
D CMOS EPROM technology for providing reprogrammable EPROM and one-time programmable (OTP)
program memory for prototypes and for small-volume or quick-turn production
D CMOS EEPROM technology for providing EEPROM programming with a single 5-V supply
D ADC technology for converting analog signals to digital values
D Static RAM/register file registers that offer numerous memory options
D Standby RAM that offers data protection in power-off condition
D Programmable (asynchronous and isosynchronous†) built-in serial communications interface for control of
timing, data format, and protocol
D Serial peripheral interface for providing single-mode synchronous data transmission from the CPUs to any
external peripheral devices
D Flexible operating features:
–
Power-reduction-standby and halt modes
–
Temperature options:
0
°C to 70°C operating temperature (L)
–40
°C to 85°C operating temperature (A)
–40
°C to 105°C operating temperature (T)
–
Input clock frequency options:
Divide-by-4 ( 0.5 MHz to 5 MHz SYSCLK ) standard oscillator
Divide-by-1 ( 2 MHz to 5 MHz SYSCLK) phase-locked loop (PLL)
–
Operating voltage range: 5 V +10%
D Flexible interrupt handling for design flexibility:
–
Two programmable interrupt levels
–
Programmable rising-edge or falling-edge detect
D System integrity features that increase flexibility during the software development phase:
–
Oscillator fault detection
–
Privileged mode lockout
–
Watchdog timer
–
Memory security (for ROM)
† Isosynchronous = isochronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com