| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R30GCIE1S/Q bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R30GCIE1S/Q bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: R30GCIE1 R30GCIE1 SPECIFICATIONS ES-9027 Rev.3 Page 5/5 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM INTERNAL BUS Comm. Circuit Control Circuit USB CONNECTOR RJ-45 MODULAR JACK RJ-45 MODULAR JACK Not in use CC-Link IE Field CN1 CC-Link IE Field CN2 STATUS IND. LEDs INTERNAL POWER STATION NO. SETTING ROTARY SW CN1 and CN2 of RJ-45 modular jacks for CC-Link IE Field network can be connected in any order. Isolation Isolation SYSTEM CONFIGURATION EXAMPLES The below figure shows a system configuration example in which CC-Link IE Field data is converted into EtherCAT data by using this unit as a gateway. EtherCAT CC-Link IE Field CC-Link IE Field master module R30 PS1 R30 NECT1 R30 GCIE1 EtherCAT master module Specifications are subject to change without notice. |