| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R30SV2S/Q bảng dữ liệu(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R30SV2S/Q bảng dữ liệu(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: R30SV2 R30SV2 SPECIFICATIONS ES-9015 Rev.3 Page 5/6 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] ① ② ③ ④ ⑪ ⑫ ⑬ ⑭ ⑤ ⑥ ⑦ ⑧ ⑨ ⑩ ⑮ ⑯ ⑰ ⑱ ⑲ ⑳ 25 [.98] 98 [3.86] 20–M3 SCREW SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM ■ Input Connection Examples VHn In COMn VLn + − WIDE SPAN VOLTAGE + − VHn In COMn VLn NARROW SPAN VOLTAGE Note: Be sure to close across VLn and In terminals for a current input. + − VHn In COMn VLn CURRENT RANGE 11 VH1 VL1 I1 COM1 2 12 1 13 VH2 VL2 I2 COM2 4 14 3 5 10 20 15 18 9 19 8 16 7 17 6 Control Circuit RUN indicator ERR indicator Note: DO NOT connect a HV range, a LV range, a current range in the same channel at the same time. INPUT1 INPUT2 INTERNAL POWER INTERNAL BUS Comm. Circuit Input Circuit Input Circuit |