| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MUWT0335W2-C/Q bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MUWT0335W2-C/Q bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: MUWT MUWT SPECIFICATIONS ES-1926 Rev.3 Page 4/5 http://www.m-system.co.jp/ EXTERNAL VIEW S5 S4 S3 S2 S1 a4 × 10 – 4 a3 × 10 – 3 a2 × 10 – 2 a1 × 10 – 1 10 – (a5) Span Adj. (DC output) Zero Adj. (DC output) Front Cover (open) Pulse Rate CONNECTION DIAGRAM + – 12 4 4 12 • AC Powered LOAD • DC Powered LOAD Spark Quenching Diode Varistor or Spark Quenching Circuit Relay or Counter Coil Relay or Counter Coil U 4 12 ■ Open Collector Pulse Output Connection Examples ■ Power Photo MOSFET Relay LOAD + – 1 2 3 SOURCE P2 V P1 U v u FUSE VT V v P3 U u k l CT L K 1L 1S 3L 3S k l L K 6 5 8 12 4 9 11 2 15 PULSE OUTPUT + – 10 1 DC OUTPUT ■ 3-PHASE/3-WIRE ■ SINGLE-PHASE/2-WIRE LOAD 1 2 SOURCE P2 V P1 U v u FUSE VT k l CT L K 1L 1S + – 6 8 12 4 9 15 PULSE OUTPUT ■ SINGLE-PHASE/3-WIRE LOAD 1 N 2 SOURCE P0 V P1 U v u FUSE VT V v P2 U u k l CT L K 1L 1S 2L 2S k l L K + – 6 5 8 12 4 9 11 2 15 PULSE OUTPUT 7 14 U(+) V(–) POWER ** 7 14 U(+) V(–) POWER ** + – 10 1 DC OUTPUT + – 10 1 DC OUTPUT 7 14 U(+) V(–) POWER ** * * * CT Protector (model: CTM) attached to these terminals. * * CT Protector (model: CTM) attached to these terminals. * * * CT Protector (model: CTM) attached to these terminals. **The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets other supply voltage requirements. |