công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPD16635 bảng dữ liệu(PDF) 8 Page - NEC

tên linh kiện UPD16635
Giải thích chi tiết về linh kiện  240-OUTPUT TFT-LCD SOURCE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPD16635 bảng dữ liệu(HTML) 8 Page - NEC

Back Button UPD16635 Datasheet HTML 4Page - NEC UPD16635 Datasheet HTML 5Page - NEC UPD16635 Datasheet HTML 6Page - NEC UPD16635 Datasheet HTML 7Page - NEC UPD16635 Datasheet HTML 8Page - NEC UPD16635 Datasheet HTML 9Page - NEC UPD16635 Datasheet HTML 10Page - NEC UPD16635 Datasheet HTML 11Page - NEC UPD16635 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
µPD16635
8
Resistor Strings
Figure 2-1. Relationship Between Input Data and Output Voltage: V4 > V5 > V6 > V7 > V8 > V9 > VSS2
Caution
V4 and V5 are interconnected inside the IC by resistors r4-5 (9 k
Ω).
Data
DX5 DX4 DX3 DX2 DX1 DX0
Output Voltage
00H
000000
V0’’
V9
01H
000001
V1’’
V9 + (V8 – V9)
× 800/5300
02H
000010
V2’’
V9 + (V8 – V9)
× 1600/5300
03H
000011
V3’’
V9 + (V8 – V9)
× 2400/5300
04H
000100
V4’’
V9 + (V8 – V9)
× 3100/5300
05H
000101
V5’’
V9 + (V8 – V9)
× 3800/5300
06H
000110
V6’’
V9 + (V8 – V9)
× 4400/5300
07H
000111
V7’’
V9 + (V8 – V9)
× 4900/5300
08H
001000
V8’’
V8
09H
001001
V9’’
V8 + (V7 – V8)
× 400/4000
0AH
001010
V10’’
V8 + (V7 – V8)
× 700/4000
0BH
001011
V11’’
V8 + (V7 – V8)
× 1000/4000
0CH
001100
V12’’
V8 + (V7 – V8)
× 1300/4000
0DH
001101
V13’’
V8 + (V7 – V8)
× 1600/4000
0EH
001110
V14’’
V8 + (V7 – V8)
× 1800/4000
0FH
001111
V15’’
V8 + (V7 – V8)
× 2000/4000
10H
010000
V16’’
V8 + (V7 – V8)
× 2200/4000
11H
010001
V17’’
V8 + (V7 – V8)
× 2400/4000
12H
010010
V18’’
V8 + (V7 – V8)
× 2600/4000
13H
010011
V19’’
V8 + (V7 – V8)
× 2700/4000
14H
010100
V20’’
V8 + (V7 – V8)
× 2800/4000
15H
010101
V21’’
V8 + (V7 – V8)
× 2900/4000
16H
010110
V22’’
V8 + (V7 – V8)
× 3000/4000
17H
010111
V23’’
V8 + (V7 – V8)
× 3100/4000
18H
011000
V24’’
V8 + (V7 – V8)
× 3200/4000
19H
011001
V25’’
V8 + (V7 – V8)
× 3300/4000
1AH
011010
V26’’
V8 + (V7 – V8)
× 3400/4000
1BH
011011
V27’’
V8 + (V7 – V8)
× 3500/4000
1CH
011100
V28’’
V8 + (V7 – V8)
× 3600/4000
1DH
011101
V29’’
V8 + (V7 – V8)
× 3700/4000
1EH
011110
V30’’
V8 + (V7 – V8)
× 3800/4000
1FH
011111
V31’’
V8 + (V7 – V8)
× 3900/4000
20H
100000
V32’’
V7
21H
100001
V33’’
V7 + (V6 – V7)
× 100/2700
22H
100010
V34’’
V7 + (V6 – V7)
× 200/2700
23H
100011
V35’’
V7 + (V6 – V7)
× 300/2700
24H
100100
V36’’
V7 + (V6 – V7)
× 400/2700
25H
100101
V37’’
V7 + (V6 – V7)
× 500/2700
26H
100110
V38’’
V7 + (V6 – V7)
× 600/2700
27H
100111
V39’’
V7 + (V6 – V7)
× 700/2700
28H
101000
V40’’
V7 + (V6 – V7)
× 800/2700
29H
101001
V41’’
V7 + (V6 – V7)
× 900/2700
2AH
101010
V42’’
V7 + (V6 – V7)
× 1000/2700
2BH
101011
V43’’
V7 + (V6 – V7)
× 1100/2700
2CH
101100
V44’’
V7 + (V6 – V7)
× 1200/2700
2DH
101101
V45’’
V7 + (V6 – V7)
× 1300/2700
2EH
101110
V46’’
V7 + (V6 – V7)
× 1400/2700
2FH
101111
V47’’
V7 + (V6 – V7)
× 1500/2700
30H
110000
V48’’
V7 + (V6 – V7)
× 1600/2700
31H
110001
V49’’
V7 + (V6 – V7)
× 1700/2700
32H
110010
V50’’
V7 + (V6 – V7)
× 1800/2700
33H
110011
V51’’
V7 + (V6 – V7)
× 1900/2700
34H
110100
V52’’
V7 + (V6 – V7)
× 2000/2700
35H
110101
V53’’
V7 + (V6 – V7)
× 2100/2700
36H
110110
V54’’
V7 + (V6 – V7)
× 2300/2700
37H
110111
V55’’
V7 + (V6 – V7)
× 2500/2700
38H
111000
V56’’
V6
39H
111001
V57’’
V6 + (V5 – V6)
× 200/2500
3AH
111010
V58’’
V6 + (V5 – V6)
× 400/2500
3BH
111011
V59’’
V6 + (V5 – V6)
× 700/2500
3CH
111100
V60’’
V6 + (V5 – V6)
× 1000/2500
3DH
111101
V61’’
V6 + (V5 – V6)
× 1300/2500
3EH
111110
V62’’
V6 + (V5 – V6)
× 1700/2500
3FH
111111
V63’’
V5
V63’
9 k
Ω
V63’’
V62’’
V61’’
V60’’
V59’’
V58’’
V57’’
V56’’
V55’’
V33’’
V32’’
V31’’
V9’’
V8’’
V7’’
V6’’
V5’’
V4’’
V3’’
V2’’
V1’’
V0’’
V4
r4–5
V5
r62
r61
r60
r59
r58
r57
r56
V6
r55
r54
r33
r32
V7
r31
r30
r9
r8
V8
r7
r6
r5
r4
r3
r2
r1
r0
V9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19