| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACE25AA320GTMTH bảng dữ liệu(PDF) 39 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE25AA320GTMTH bảng dữ liệu(HTML) 39 Page - ACE Technology Co., LTD. |
|
39 / 67 page ![]() ACE25AA320G Serial NOR Flash Memory 3.0V Multi I/O with 4KB, 32KB & 64KB Sector/Block Erase VER 1.2 39 Read Manufacture ID/ Device ID (REMS) (90H) The Read Manufacturer/Device ID command is an alternative to the Release from Power-Down / Device ID command that provides both the JEDEC assigned Manufacturer ID and the specific Device ID. The command is initiated by driving the CS# pin low and shifting the command code “90H” followed by a 24-bit address (A23-A0) of 000000H. After which, the Manufacturer ID and the Device ID are shifted out on the falling edge of SCLK with most significant bit (MSB) first is shown in Figure 22. If the 24-bit address is initially set to 000001H, the Device ID will be read first. Figure22. Read Manufacture ID/ Device ID Sequence Diagram Figure22a. Read Manufacture ID/ Device ID Sequence Diagram (QPI) |