| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIMXRT8024DFP4A bảng dữ liệu(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT8024DFP4A bảng dữ liệu(HTML) 6 Page - NXP Semiconductors |
|
6 / 71 page ![]() i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021 6 NXP Semiconductors Architectural overview 2 Architectural overview The following subsections provide an architectural overview of the i.MX RT1015 processor system. 2.1 Block diagram Figure 2 shows the functional modules in the i.MX RT1015 processor system1. . Figure 2. i.MX RT1015 system block diagram 1. Some modules shown in this block diagram are not offered on all derivatives. See Table 1 for details. Internal Memory 128 KB OCRAM shared with TCM 96 KB ROM External Memory Connectivity 4 x 4 Keypad Security I2C x2 UART x4 GPIO SPI x2 ADC System Control Secure JTAG PLL / OSC RTC and Reset Enhanced DMA IOMUX GP Timer x6 CPU Platform ARM Cortex-M7 16 KB I-cache 16 KB D-cache FPU Dual-Channel Quad-SPI (FlexSPI) MPU NVIC Up to 128 KB TCM USB2.0 OTG with PHY ADC (9-Channel) x1 HAB Quadrature ENC x1 QuadTimer x1 FlexPWM x1 Watch Dog x4 Power Management DCDC LDO Temp Monitor I2S / SAI x3 Secure RTC Ciphers and RNG eFUSE (GPT x2 + PIT x4) S/PDIF Tx/Rx |