công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP48FVB28-E/MQ bảng dữ liệu(PDF) 85 Page - Microchip Technology

tên linh kiện MCP48FVB28-E/MQ
Giải thích chi tiết về linh kiện  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB28-E/MQ bảng dữ liệu(HTML) 85 Page - Microchip Technology

Back Button MCP48FVB28-E/MQ Datasheet HTML 81Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 82Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 83Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 84Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 85Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 86Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 87Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 88Page - Microchip Technology MCP48FVB28-E/MQ Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 85
MCP48FXBX4/8
FIGURE 7-9:
24-Bit READ Command (C1:C0 = 11) – SPI Waveforms (Mode 1,1).
FIGURE 7-10:
24-Bit READ Command (C1:C0 = 11) – SPI Waveforms (Mode 0,0).
AD2
AD1
AD4
AD3
C0
X
AD0
C1
D15
D14
23
22
21
20
09
08
07
06
03
01
02
00
05
D03
D02
D01
D00
CMDERR
CS
SCK
SDO
SDI
04
Sample
Input
VIH
VIL
VIH
VIHH
HVC(1)
Note: HVC must be at VIHH before the start of a WRITE command and only lowered to VIH or VIL after the last bit of the 24-bit command.
Note 1:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition (CMDERR) will NOT be generated.
AD2
AD1
AD4
AD3
C0
X
AD0
C1
D15
D14
23
22
21
20
09
08
07
06
03
01
02
00
05
D03
D02
D01
D00
CS
SCK
SDO
SDI
04
Sample
Input
VIH
VIL
19
CMDERR
VIH
VIHH
HVC(1)
Note: HVC must be at VIHH before start of a WRITE command and only lowered to VIH or VIL after the last bit of the 24-bit command.
Note 1:
If the state of the HVC pin is VIHH, then the command is ignored, but a Command Error condition (CMDERR) will NOT be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com