công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP48FVB08 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCP48FVB08
Giải thích chi tiết về linh kiện  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB08 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCP48FVB08 Datasheet HTML 1Page - Microchip Technology MCP48FVB08 Datasheet HTML 2Page - Microchip Technology MCP48FVB08 Datasheet HTML 3Page - Microchip Technology MCP48FVB08 Datasheet HTML 4Page - Microchip Technology MCP48FVB08 Datasheet HTML 5Page - Microchip Technology MCP48FVB08 Datasheet HTML 6Page - Microchip Technology MCP48FVB08 Datasheet HTML 7Page - Microchip Technology MCP48FVB08 Datasheet HTML 8Page - Microchip Technology MCP48FVB08 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 4
 2020 Microchip Technology Inc.
Device Features
Device
Package Type
DAC
Output
POR/BOR
Setting(1)
Internal
Band
Gap
Memory
MCP48FVB04
VQFN-20 5 x 5, TSSOP-20
4
8
7Fh
2
2
Yes
RAM
MCP48FVB14
VQFN-20 5 x 5, TSSOP-20
4
10
1FFh
2
2
Yes
RAM
MCP48FVB24
VQFN-20 5 x 5, TSSOP-20
4
12
7FFh
2
2
Yes
RAM
MCP48FVB08
VQFN-20 5 x 5, TSSOP-20
8
8
7Fh
2
2
Yes
RAM
MCP48FVB18
VQFN-20 5 x 5, TSSOP-20
8
10
1FFh
2
2
Yes
RAM
MCP48FVB28
VQFN-20 5 x 5, TSSOP-20
8
12
7FFh
2
2
Yes
RAM
MCP48FEB04
VQFN-20 5 x 5, TSSOP-20
4
8
7Fh
2
2
Yes
EEPROM
MCP48FEB14
VQFN-20 5 x 5, TSSOP-20
4
10
1FFh
2
2
Yes
EEPROM
MCP48FEB24
VQFN-20 5 x 5, TSSOP-20
4
12
7FFh
2
2
Yes
EEPROM
MCP48FEB08
VQFN-20 5 x 5, TSSOP-20
8
8
7Fh
2
2
Yes
EEPROM
MCP48FEB18
VQFN-20 5 x 5, TSSOP-20
8
10
1FFh
2
2
Yes
EEPROM
MCP48FEB28
VQFN-20 5 x 5, TSSOP-20
8
12
7FFh
2
2
Yes
EEPROM
Note 1:
The factory default value. The DAC output POR/BOR value can be modified via the nonvolatile DAC
Output register (available only on nonvolatile devices – MCP48FEBXX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More