| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP4431 bảng dữ liệu(PDF) 91 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP4431 bảng dữ liệu(HTML) 91 Page - Microchip Technology |
|
91 / 94 page ![]() 2010 Microchip Technology Inc. DS22267A-page 91 MCP443X/5X PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX -XXX Resistance Package Temperature Range Device Device MCP4431: Quad Volatile 7-bit Potentiometer MCP4431T: Quad Volatile 7-bit Potentiometer (Tape and Reel) MCP4432: Quad Volatile 7-bit Rheostat MCP4432T: Quad Volatile 7-bit Rheostat (Tape and Reel) MCP4451: Quad Volatile 8-bit Potentiometer MCP4451T: Quad Volatile 8-bit Potentiometer (Tape and Reel) MCP4452: Quad Volatile 8-bit Rheostat MCP4452T: Quad Volatile 8-bit Rheostat (Tape and Reel) Resistance Version: 502 = 5 k 103 = 10 k 503 = 50 k 104 = 100 k Temperature Range E = -40 C to +125C (Extended) Package ST = Plastic Thin Shrink Small Outline (TSSOP), 14/20-lead ML = Plastic Quad Flat No-lead (4x4 QFN), 20-lead Examples: a) MCP4431-502E/XX: 5 k 20-LD Device b) MCP4431T-502E/XX: T/R, 5 k 20-LD Device c) MCP4431-103E/XX: 10 k , 20-LD Device d) MCP4431T-103E/XX: T/R, 10 k , 20-LD Device e) MCP4431-503E/XX: 50 k , 20-LD Device f) MCP4431T-503E/XX: T/R, 50 k , 20-LD Device g) MCP4431-104E/XX: 100 k , 20-LD Device h) MCP4431T-104E/XX: T/R, 100 k , 20-LD Device a) MCP4432-502E/XX: 5 k 14-LD Device b) MCP4432T-502E/XX: T/R, 5 k 14-LD Device c) MCP4432-103E/XX: 10 k , 14-LD Device d) MCP4432T-103E/XX: T/R, 10 k , 14-LD Device e) MCP4432-503E/XX: 50 k , 8LD Device f) MCP4432T-503E/XX: T/R, 50 k , 14-LD Device g) MCP4432-104E/XX: 100 k , 14-LD Device h) MCP4432T-104E/XX: T/R, 100 k , 14-LD Device a) MCP4451-502E/XX: 5 k 20-LD Device b) MCP4451T-502E/XX: T/R, 5 k 20-LD Device c) MCP4451-103E/XX: 10 k , 20-LD Device d) MCP4451T-103E/XX: T/R, 10 k , 20-LD Device e) MCP4451-503E/XX: 50 k , 20-LD Device f) MCP4451T-503E/XX: T/R, 50 k , 20-LD Device g) MCP4451-104E/XX: 100 k , 20-LD Device h) MCP4451T-104E/XX: T/R, 100 k , 20-LD Device a) MCP4452-502E/XX: 5 k 14-LD Device b) MCP4452T-502E/XX: T/R, 5 k 14-LD Device c) MCP4452-103E/XX: 10 k , 14-LD Device d) MCP4452T-103E/XX: T/R, 10 k , 14-LD Device e) MCP4452-503E/XX: 50 k , 14-LD Device f) MCP4452T-503E/XX: T/R, 50 k , 14-LD Device g) MCP4452-104E/XX: 100 k , 14-LD Device h) MCP4452T-104E/XX: T/R, 100 k , 14-LD Device XX = ST for 14/20-lead TSSOP = ML for 20-lead QFN Version |