| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP1713-1-RX bảng dữ liệu(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MP1713-1-RX bảng dữ liệu(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MP1700-1723 ES-9806 Rev.5 Specifications subject to change without notice. P. 4 / 4 TERMINAL ASSIGNMENT sSINGLE OUTPUT PIN MP1700 MP1700 MP1702 MP1702 MP1703 MP1703 w/Option T w/Option T w/Option T 1 POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) 2 No Connection No Connection No Connection No Connection No Connection No Connection 3 POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) 4 INPUT + No Connection No Connection No Connection No Connection No Connection 5 INPUT – No Connection SP Pot CCW SP Pot CCW SP – SP – 6 N.O. No Connection SP Pot W SP Pot W SP + SP + 7 COM * No Connection SP Pot CW SP Pot CW No Connection No Connection 8 N.C. * SP Xmtr + No Connection SP Xmtr + No Connection SP Xmtr + 9 N.O. INPUT + INPUT + INPUT + INPUT + INPUT + 10 COM Xmtr Common No Connection Xmtr Common No Connection Xmtr Common 11 N.C. INPUT – INPUT – INPUT – INPUT – INPUT – 12 Proc Xmtr + No Connection Proc Xmtr + No Connection Proc Xmtr + 13 N.O. N.O. N.O. N.O. N.O. 14 COM * COM * COM * COM * COM * 15 N.C. * N.C. * N.C. * N.C. * N.C. * 16 No Connection No Connection No Connection No Connection No Connection 17 N.O. N.O. N.O. N.O. N.O. 18 COM COM COM COM COM 19 N.C. N.C. N.C. N.C. N.C. 20 No Connection No Connection No Connection No Connection No Connection KEYS N.O. = Normally Open COM = Common N.C. = Normally Closed Proc = Process Xmtr = Transmitter SP = Setpoint W = Wiper CW = Clockwise CCW = Counterclockwise *Pins used for Option V 20-pin = 14(+) - 15(–) 11-pin = 7(+) - 8(–) sLATCHING OUTPUT PIN MP1710 MP1710 MP1712 MP1712 MP1713 MP1713 w/Option T w/Option T w/Option T 1 POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) 2 No Connection No Connection No Connection No Connection No Connection No Connection 3 POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) 4 No Connection No Connection No Connection No Connection No Connection No Connection 5 No Connection No Connection SP Pot CCW SP Pot CCW SP – SP – 6 No Connection No Connection SP Pot W SP Pot W SP + SP + 7 No Connection No Connection SP Pot CW SP Pot CW No Connection No Connection 8 No Connection SP Xmtr + No Connection SP Xmtr + No Connection SP Xmtr + 9 INPUT + INPUT + INPUT + INPUT + INPUT + INPUT + 10 No Connection Xmtr Common No Connection Xmtr Common No Connection Xmtr Common 11 INPUT – INPUT – INPUT – INPUT – INPUT – INPUT – 12 No Connection Proc Xmtr + No Connection Proc Xmtr + No Connection Proc Xmtr + 13 N.O. N.O. N.O. N.O. N.O. N.O. 14 COM * COM * COM * COM * COM * COM * 15 N.C. * N.C. * N.C. * N.C. * N.C. * N.C. * 16 Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset 17 N.O. N.O. N.O. N.O. N.O. N.O. 18 COM COM COM COM COM COM 19 N.C. N.C. N.C. N.C. N.C. N.C. 20 Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset KEYS N.O. = Normally Open COM = Common N.C. = Normally Closed Proc = Process Xmtr = Transmitter SP = Setpoint W = Wiper CW = Clockwise CCW = Counterclockwise *Pins used for Option V 20-pin = 14(+) - 15(–) sDUAL OUTPUT PIN MP1720 MP1720 MP1722 MP1722 MP1723 MP1723 w/Option T w/Option T w/Option T 1 POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) 2 No Connection No Connection No Connection No Connection No Connection No Connection 3 POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) 4 INPUT + No Connection Lo SP Pot CW Lo SP Pot CW No Connection No Connection 5 INPUT – No Connection Lo SP Pot W Lo SP Pot W Lo SP + Lo SP + 6 N.O. No Connection SP Pots CCW SP Pots CCW SP Common SP Common 7 COM * Hi Set No Connection Hi SP Pot W Hi SP Pot W Hi SP + Hi SP + 8 N.C. * No Connection Hi SP Pot CW Hi SP Pot CW No Connection No Connection 9 N.O. INPUT + INPUT + INPUT + INPUT + INPUT + 10 COM * Lo Set Proc Xmtr + No Connection Proc Xmtr + No Connection Proc Xmtr + 11 N.C. * INPUT – INPUT – INPUT – INPUT – INPUT – 12 Lo SP Xmtr + No Connection Lo SP Xmtr + No Connection Lo SP Xmtr + 13 N.O. N.O. N.O. N.O. N.O. 14 COM * Lo Set COM * Lo Set COM * Lo Set COM * Lo Set COM * Lo Set 15 N.C. * N.C. * N.C. * N.C. * N.C. * 16 Hi SP Xmtr + No Connection Hi SP Xmtr + No Connection Hi SP Xmtr + 17 N.O. N.O. N.O. N.O. N.O. 18 COM * Hi Set COM * Hi Set COM * Hi Set COM * Hi Set COM * Hi Set 19 N.C. * N.C. * N.C. * N.C. * N.C. * 20 Xmtr Common No Connection Xmtr Common No Connection Xmtr Common KEYS N.O. = Normally Open COM = Common N.C. = Normally Closed Proc = Process Xmtr = Transmitter SP = Setpoint W = Wiper CW = Clockwise CCW = Counterclockwise *Pins used for Option V 20-pin: Hi Set = 19(+) - 18(–) Lo Set = 15(+) - 14(–) 11-pin: Hi Set = 7(+) - 8(–) Lo Set = 10(+) - 11(–) |