| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCP3464T-E/ST bảng dữ liệu(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3464T-E/ST bảng dữ liệu(HTML) 46 Page - Microchip Technology |
|
46 / 108 page ![]() MCP3461/2/4 DS20006180D-page 46 2019-2021 Microchip Technology Inc. 5.9 Low-Power Shutdown Modes The device incorporates two low-power modes that can be activated in order to limit power consumption of the device when ADC is not used. These two modes are called Partial Shutdown and Full Shutdown modes. 5.9.1 FULL SHUTDOWN MODE The Full Shutdown mode can be enabled by two means: • Writing CONFIG0 to ‘0x00’ • Sending a Fast Command Full Shutdown (Fast Command code: ‘1101’) Full Shutdown mode is the lowest power mode of the device. None of the circuits consuming static power are active in this mode. As stated in Section 5.7 “Power-on Reset”, the AVDD/DVDD POR monitoring circuits are not active while in Full Shutdown mode. For this reason, the Full Shutdown mode is not recommended for applications where an AVDD/DVDD power-down (whether expected or unexpected) voltage level of 100 mV (approx.) or less cannot be ensured before reapplying power. The part can still be accessed through the SPI interface during this mode and will accept incoming SPI commands. The ADCDATA register is not cleared during Full Shutdown mode and still holds previous conversion results. The other Configuration register settings are not modified or reset due to entering in Full Shutdown mode. When the ADC_MODE[1:0] bits are temporarily set internally to ‘00’, during SCAN mode, in between SCAN cycles, the part does not go into Full Shutdown mode, even if all the other bits in the CONFIG0 register are set to ‘0’. The Full Shutdown mode stops all internal timers and resets them. Sending a Fast CMD to change the operating mode exits the Full Shutdown mode. The user should place all digital inputs to a static value (logic low or high) in order to optimize power con- sumption during Full Shutdown mode. The current consumption specifications during Full Shutdown mode are intended without any digital pin toggling during the measurement. In this case, only leakage current is consumed throughout the device and this current varies exponentially with respect to absolute temperature. 5.9.2 PARTIAL SHUTDOWN MODE Partial Shutdown mode is achieved when CONFIG0 is set to ‘xx000000’ where ‘xx’ is not equal to ‘00’ (CONFIG0 = 0x00 puts the device in Full Shutdown mode). In this mode, most of the internal circuits are shut down, with the exception of the POR monitoring and internal biasing circuits. During the Partial Shutdown mode, the power supply is continuously monitored, whereas in Full Shutdown mode, the POR monitoring circuits are powered down. The power con- sumption is also much higher in Partial Shutdown mode due to different biases and the POR monitoring circuits being active. Partial Shutdown mode allows the device to be restarted and put back in Conversion mode faster than Full Shutdown mode. Table 5-10 describes the differences between Partial and Full Shutdown modes. If the current consumption of Partial Shutdown mode is acceptable for the application, it is recommended that it is used as an alternative to Full Shutdown mode, where the POR monitoring circuits are shut down, and no longer monitoring the AVDD and DVDD power supplies. TABLE 5-10: LOW-POWER MODES(1) Device Low-Power Mode CONFIG0[7:6] CLK_SEL[1:0] CS_SEL[1:0] ADC_MODE[1:0] Description Partial-Shutdown 11 00 00 0x All peripherals, except the POR monitoring and clock biasing circuits, are shut down and consume no static current. The SPI interface remains active in this mode and consumes no current while the bus is Idle. Full-Shutdown 00 00 00 0x All analog and digital circuits are shut down and consume no static current. The SPI interface remains active in this mode and consumes no current while the bus is Idle. Note 1: x = Don’t Care |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |